Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT521AT Datasheet (PDF) - Renesas Technology Corp

74FCT521AT Datasheet PDF - Renesas Technology Corp
Part # 74FCT521AT
Download  74FCT521AT Download
File Size   163.21 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 8-BIT IDENTITY COMPARATOR

74FCT521AT Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT521AT Datasheet PDF - Renesas Technology Corp

Part # 74FCT521AT
Download  74FCT521AT Click to download

File Size   163.21 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 8-BIT IDENTITY COMPARATOR

74FCT521AT Datasheet (HTML) - Renesas Technology Corp


74FCT521AT Product details

FEATURES:
• A and C grades
• Low input and output leakage ≤1μA (max.)
• CMOS power levels
• True TTL input and output compatibility:
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 48mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in SOIC and QSOP packages




Similar Part No. - 74FCT521AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT521ATQG IDT-74FCT521ATQG Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
74FCT521ATQG8 IDT-74FCT521ATQG8 Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
74FCT521ATSOG IDT-74FCT521ATSOG Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
74FCT521ATSOG8 IDT-74FCT521ATSOG8 Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
More results


Similar Description - 74FCT521AT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
8-Bit Identity Comparator
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
8-Bit Identity Comparator
logo
Integrated Device Techn...
IDT74FCT521 IDT-IDT74FCT521 Datasheet
146Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521T IDT-IDT74FCT521T Datasheet
100Kb / 5P
FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Pericom Semiconductor C...
PI74FCT521 PERICOM-PI74FCT521 Datasheet
44Kb / 4P
Fast CMOS 8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
8-BIT IDENTITY COMPARATOR
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
8-BIT IDENTITY COMPARATOR
logo
Integrated Device Techn...
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com