Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT521 Datasheet (PDF) - Integrated Device Technology

IDT74FCT521 Datasheet PDF - Integrated Device Technology
Part # IDT74FCT521
Download  IDT74FCT521 Download
File Size   146.21 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 8-BIT IDENTITY COMPARATOR

IDT74FCT521 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT521 Datasheet PDF - Integrated Device Technology

Part # IDT74FCT521
Download  IDT74FCT521 Click to download

File Size   146.21 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 8-BIT IDENTITY COMPARATOR

IDT74FCT521 Datasheet (HTML) - Integrated Device Technology


IDT74FCT521 Product details

DESCRIPTION:
The IDT54/74FCT521/A/B/C are 8-bit identity comparators built using an advanced dual metal CMOS technology. These devices compare two words of up to eight bits each and provide a LOW output when the two words match bit for bit. The expansion input IA = B also serves as an active LOW enable input.

FEATURES:
• IDT54/74FCT521 equivalent to FASTTM speed
• IDT54/74FCT521A 35% faster than FAST
• IDT54/74FCT521B 50% faster than FAST
• IDT54/74FCT521C 60% faster than FAST
• Equivalent to FAST output drive over full temperature and voltage supply extremes
• IOL = 48mA (commercial), and 32mA (military)
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than FAST (5µA max.)
• Product available in Radiation Tolerant and Radiation Enhanced versions
• JEDEC standard pinout for DIP and LCC
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT521

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
100Kb / 5P
FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521ATD IDT-IDT74FCT521ATD Datasheet
100Kb / 5P
FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521ATDB IDT-IDT74FCT521ATDB Datasheet
100Kb / 5P
FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521ATE IDT-IDT74FCT521ATE Datasheet
100Kb / 5P
FAST CMOS 8-BIT IDENTITY COMPARATOR
More results


Similar Description - IDT74FCT521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
8-Bit Identity Comparator
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
8-Bit Identity Comparator
logo
Integrated Device Techn...
IDT74FCT521T IDT-IDT74FCT521T Datasheet
100Kb / 5P
FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Pericom Semiconductor C...
PI74FCT521 PERICOM-PI74FCT521 Datasheet
44Kb / 4P
Fast CMOS 8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
8-BIT IDENTITY COMPARATOR
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
8-BIT IDENTITY COMPARATOR
logo
Integrated Device Techn...
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
84Kb / 6P
FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Renesas Technology Corp
74FCT521AT RENESAS-74FCT521AT Datasheet
163Kb / 7P
FAST CMOS 8-BIT IDENTITY COMPARATOR
Feb.11.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com