Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7482 Datasheet (PDF) - Analog Devices

ADT7482 Datasheet PDF - Analog Devices
Part # ADT7482
Download  ADT7482 Download
File Size   543.44 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel Temperature Sensor and Overtemperature Alarm

ADT7482 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7482 Datasheet PDF - Analog Devices

Part # ADT7482
Download  ADT7482 Click to download

File Size   543.44 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel Temperature Sensor and Overtemperature Alarm

ADT7482 Datasheet (HTML) - Analog Devices


ADT7482 Product details

GENERAL DESCRIPTION

The ADT74821 is a three-channel digital thermometer and undertemperature/overtemperature alarm for PCs and thermal management systems. It can measure the temperature in two remote locations, such as in the remote thermal diode in a CPU or GPU, or using a discrete diode connected transistor. This device also measures its own ambient temperature.



FEATURES

 1 local and 2 remote temperature sensors

 0.25°C resolution/1°C accuracy on remote channels

 1°C resolution/1°C accuracy on local channel

 Automatically cancels up to 1.5 kΩ (typ) of resistance in series with the remote sensors

 Extended, switchable temperature measurement range 0°C to +127°C (default) or −55°C to +150°C

 2-wire SMBus serial interface with SMBus alert support

 Programmable overtemperature/undertemperature limits

 Offset registers for system calibration

 Up to 2 overtemperature fail-safe THERM outputs

 Small, 10-lead MSOP package

 240 μA operating current, 5 μA standby current



APPLICATIONS

  Desktop and notebook computers

  Industrial controllers

  Smart batteries

  Automotive

  Embedded systems

  Burn-in applications

  Instrumentation



 




Similar Part No. - ADT7482

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7482ARMZ ONSEMI-ADT7482ARMZ Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7482ARMZ-REEL ONSEMI-ADT7482ARMZ-REEL Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
More results


Similar Description - ADT7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Maxim Integrated Produc...
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com