Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7481 Datasheet (PDF) - Analog Devices

ADT7481 Datasheet PDF - Analog Devices
Part # ADT7481
Download  ADT7481 Download
File Size   498.04 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel Temperature Sensor and Over Temperature Alarm

ADT7481 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7481 Datasheet PDF - Analog Devices

Part # ADT7481
Download  ADT7481 Click to download

File Size   498.04 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel Temperature Sensor and Over Temperature Alarm

ADT7481 Datasheet (HTML) - Analog Devices


ADT7481 Product details

GENERAL DESCRIPTION
The ADT74811 is a 3-channel digital thermometer and under/ over temperature alarm, intended for use in PCs and thermal management systems. It can measure its own ambient temperature or the temperature of two remote thermal diodes. These thermal diodes can be located in a CPU or GPU, or they can be discrete diode connected transistors. The ambient temperature, or the temperature of the remote thermal diode, can be accurately measured to ±1°C. The temperature measurement range defaults to 0°C to +127°C, compatible with ADM1032, but can be switched to a wider measurement range from −64°C to +191°C.

FEATURES
    1 local and 2 remote temperature sensors
    0.25°C resolution/1°C accuracy on remote channels
    1°C resolution/1°C accuracy on local channel
    Extended, switchable temperature measurement range 0°C to 127°C (default) or –64°C to +191°C
    2-wire SMBus serial interface with SMBus ALERT support
    Programmable over/under temperature limits
    Offset registers for system calibration
    Up to 2 over temperature fail-safe THERM outputs
    Small 10-lead MSOP package
    240 μA operating current, 5 μA standby current

APPLICATIONS
    Desktop and notebook computers
    Industrial controllers
    Smart batteries
    Automotive
    Embedded systems
    Burn-in applications
    Instrumentation




Similar Part No. - ADT7481

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481 ONSEMI-ADT7481 Datasheet
198Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
ADT7481ARMZ ONSEMI-ADT7481ARMZ Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-001 ONSEMI-ADT7481ARMZ-001 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-1R7 ONSEMI-ADT7481ARMZ-1R7 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
More results


Similar Description - ADT7481

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
Dual Channel Temperature Sensor and Overtemperature Alarm
6/06-Revision 0
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
Alarm and temperature measurement application
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com