Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1619 Datasheet (PDF) - Maxim Integrated Products

MAX1619 Datasheet PDF - Maxim Integrated Products
Part # MAX1619
Download  MAX1619 Download
File Size   304.11 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface

MAX1619 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1619 Datasheet PDF - Maxim Integrated Products

Part # MAX1619
Download  MAX1619 Click to download

File Size   304.11 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface

MAX1619 Datasheet (HTML) - Maxim Integrated Products


MAX1619 Product details

General Description
The MAX1619 is a precise digital thermometer that reports the temperature of both a remote sensor and its own package. The remote sensor is a diode-connected transistor—typically a low-cost, easily mounted 2N3904 NPN type—that replaces conventional thermistors or thermocouples. Remote accuracy is ±3°C for multiple transistor manufacturers, with no calibration needed. The remote channel can also measure the die temperature of other ICs, such as microprocessors, that contain an on-chip, diode-connected transistor.

Features
♦ Two Channels Measure Both Remote and Local
   Temperatures
♦ No Calibration Required
♦ SMBus 2-Wire Serial Interface
♦ Programmable Under/Overtemperature Alarms
♦ OVERT Output for Fan Control
♦ Supports SMBus Alert Response
♦ Supports Manufacturer and Device ID Codes
♦ Accuracy
   ±2°C (+60°C to +100°C, local)
   ±3°C (-40°C to +125°C, local)
   ±3°C (+60°C to +100°C, remote)
♦ 3µA (typ) Standby Supply Current
♦ 70µA (max) Supply Current in Auto-Convert Mode
♦ +3V to +5.5V Supply Range
♦ Write-Once Protection
♦ Small 16-Pin QSOP Package

Applications
   Desktop and Notebook Computers
   Central Office Telecom Equipment
   Smart Battery Packs
   Test and Measurement
   LAN Servers
   Multichip Modules
   Industrial Controls




Similar Part No. - MAX1619

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX161-MX7581 MAXIM-MAX161-MX7581 Datasheet
342Kb / 8P
CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX1610 MAXIM-MAX1610 Datasheet
137Kb / 20P
Digitally Controlled CCFL Backlight Power Supplies
19-1128; Rev 0; 9/96
MAX1610-MAX1611 MAXIM-MAX1610-MAX1611 Datasheet
137Kb / 20P
Digitally Controlled CCFL Backlight Power Supplies
19-1128; Rev 0; 9/96
MAX1610CSE MAXIM-MAX1610CSE Datasheet
137Kb / 20P
Digitally Controlled CCFL Backlight Power Supplies
19-1128; Rev 0; 9/96
More results


Similar Description - MAX1619

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G782 GMT-G782 Datasheet
44Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G781 GMT-G781 Datasheet
52Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com