Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR1341G Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

AMR1341G Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # AMR1341G
Download  AMR1341G Download
File Size   1292.2 Kbytes
Page   11 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High-Sensitivity Pneumatic Cylinder Switch Sensor

AMR1341G Datasheet (PDF)

Go To PDF Page Download Datasheet
AMR1341G Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # AMR1341G
Download  AMR1341G Click to download

File Size   1292.2 Kbytes
Page   11 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High-Sensitivity Pneumatic Cylinder Switch Sensor

AMR1341G Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


AMR1341G Product details

Description
The AMR134x is a digital omnipolar magnetic switch
that integrates magnetoresistance and CMOS
technology to provide a magnetically triggered digital
switch with high sensitivity, high speed, and low power
consumption. It is designed for pneumatic cylinder
position sensing in industrial applications.
It contains a full-bridge push-pull anisotropic
magnetoresistance (AMR) sensor and CMOS signal
processing circuitry within the same package, including
an on-chip voltage generator and voltage amplifier
and comparator for precise magnetic sensing, plus
a Schmitt trigger to provide switching hysteresis
for noise rejection, and CMOS push-pull output. An
internal band gap regulator is used to provide a
temperature compensated supply voltage for internal
circuits, permitting a wide range of supply voltages.
The AMR134x operates in low voltage and draws
only 40 μA resulting in low power operation. It has
fast response, accurate switching points, excellent
thermal stability, and immunity to stray field interference.

Features and benefits
• Anisotropic magnetoresistance (AMR) technology
• Low power consumption: 40 μA
• Power cycling latching switch
• Fast switching frequency: typ.1 kHz
• Omnipolar operation
• High sensitivity
• Wide range of supply voltages
• Excellent temperature stability
• High tolerance to external magnetic field interference

Applications
• Pneumatic cylinder position switches




Similar Part No. - AMR1341G

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
AMR1320S MULTIDIMENSION-AMR1320S Datasheet
1Mb / 9P
360°, Ultra-Low Power, Omnipolar Switch Sensor
Version 2.0
logo
SunLED Corporation
AMR13A SUNLED-AMR13A Datasheet
186Kb / 4P
12.7mm (0.5") 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR13A-A SUNLED-AMR13A-A Datasheet
190Kb / 4P
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR13C SUNLED-AMR13C Datasheet
186Kb / 4P
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR13C-A SUNLED-AMR13C-A Datasheet
190Kb / 4P
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Similar Description - AMR1341G

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
High Sensitivity Dust Sensor
logo
List of Unclassifed Man...
US5781 ETC-US5781 Datasheet
119Kb / 6P
CMOS High Sensitivity Switch
logo
Melexis Microelectronic...
US5682 MELEXIS-US5682 Datasheet
508Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5681 MELEXIS-US5681 Datasheet
719Kb / 11P
Unipolar Hall Switch ??High Sensitivity
logo
Prolific Technology Inc...
PT3636 PROLIFIC-PT3636 Datasheet
196Kb / 1P
High Sensitivity Unipolar Switch
PT3639 PROLIFIC-PT3639 Datasheet
190Kb / 1P
High Sensitivity Unipolar Switch
PT3661 PROLIFIC-PT3661 Datasheet
212Kb / 1P
High Sensitivity Micro Power Switch
logo
List of Unclassifed Man...
10S-1R ETC-10S-1R Datasheet
3Mb / 16P
Compact Design Pneumatic Cylinder/ Switch Set
logo
JOY-IT
KY-037 JOY-IT-KY-037 Datasheet
230Kb / 7P
Microphone sensor module (high sensitivity)
logo
AnaSem Hong Kong Limite...
MRY1518C ANASEM-MRY1518C Datasheet
1Mb / 14P
Continuous detection, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com