Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR1320S Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

AMR1320S Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # AMR1320S
Download  AMR1320S Download
File Size   1213.79 Kbytes
Page   9 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description 360°, Ultra-Low Power, Omnipolar Switch Sensor

AMR1320S Datasheet (PDF)

Go To PDF Page Download Datasheet
AMR1320S Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # AMR1320S
Download  AMR1320S Click to download

File Size   1213.79 Kbytes
Page   9 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description 360°, Ultra-Low Power, Omnipolar Switch Sensor

AMR1320S Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


AMR1320S Product details

Description
The AMR132x is an omnipolar magnetic switch
integrated with anisotropic magnetoresistance (AMR)
magnetic sensor and CMOS circuitry, which is able
to detect the change of magnetic field and output
high and low voltage signals for high accuracy
position detection.
The AMR132x series switch can detect magnetic
fields from all directions in the plane, enabling 360°
sensing. It provides 100 Hz sampling frequency, 1 μA
power consumption, and a wide range of operating
voltages from 1.8 V to 5.5 V. It has excellent thermal
stability and immunity to stray field interference.

Features and Benefits
• Anisotropic magnetoresistance (AMR) technology
• Low power consumption at 1 μA
• Fast internal switching frequency at 100 Hz
• Omnipolar operation
• High sensitivity
• Wide range supply voltages: 1.8 V to 5.5V
• CMOS output
• Excellent temperature stability
• High tolerance to external magnetic field interference
• RoHS & REACH compliant

Applications
• Utility meters: water, gas, and heat meters
• Proximity switches
• Speed sensing
• Linear and rotary position sensing
• Wake up switches




Similar Part No. - AMR1320S

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
AMR1341D MULTIDIMENSION-AMR1341D Datasheet
1Mb / 11P
High-Sensitivity Pneumatic Cylinder Switch Sensor
Version 2.0
AMR1341G MULTIDIMENSION-AMR1341G Datasheet
1Mb / 11P
High-Sensitivity Pneumatic Cylinder Switch Sensor
Version 2.0
AMR1342D MULTIDIMENSION-AMR1342D Datasheet
1Mb / 11P
High-Sensitivity Pneumatic Cylinder Switch Sensor
Version 2.0
AMR1342G MULTIDIMENSION-AMR1342G Datasheet
1Mb / 11P
High-Sensitivity Pneumatic Cylinder Switch Sensor
Version 2.0
logo
SunLED Corporation
AMR13A SUNLED-AMR13A Datasheet
186Kb / 4P
12.7mm (0.5") 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Similar Description - AMR1320S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180 DIODES-AH180 Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1802 DIODES-AH1802 Datasheet
106Kb / 7P
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1802 Rev. 2
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
Rev 1
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
logo
Texas Instruments
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
MultiDimension Technolo...
TMR1362S MULTIDIMENSION-TMR1362S Datasheet
1Mb / 12P
NanoAmpere Fast Response Omnipolar Magnetic Switch Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com