Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1802 Datasheet (PDF) - Diodes Incorporated

AH1802 Datasheet PDF - Diodes Incorporated
Part # AH1802
Download  AH1802 Download
File Size   106.69 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR HALL-EFFECT SENSOR SWITCH

AH1802 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1802 Datasheet PDF - Diodes Incorporated

Part # AH1802
Download  AH1802 Click to download

File Size   106.69 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR HALL-EFFECT SENSOR SWITCH

AH1802 Datasheet (HTML) - Diodes Incorporated


AH1802 Product details

Description
The AH1802 is a high-sensitivity, micropower, omnipolar Hall Effect switch integrated circuit (IC) designed for portable and battery-powered equipment, such as cellular phones, PDAs, and portable PCs. Based on two sensitive Hall Effect plates and a chopper-stabilized architecture, the AH1802 provides a reliable solution over the whole operating range. To support portable and battery-powered equipment, the design has been optimized to operate over the supply range of 2.5V to 5.5V and consumes only 24µW with a supply of 3V.

Features
● Omnipolar (North or South Pole) Operation
● 2.5V to 5.5V Operating Range
● High Sensitivity
● Single Open-Drain Output
● Micropower Operation
● Chopper-Stabilized Design Provides
    ■ Superior Temperature Stability
    ■ Minimal Switch Point Drift
    ■ Enhanced Immunity to Stress
● Good RF Noise Immunity
● -40°C to +85°C Operating Temperature
● ESD > 5kV for U-DFN2020-6, U-DFN2020-3 and X2- DFN2015-3
● ESD > 6kV for SC59
● Low Profile SC59, U-DFN2020-6, U-DFN2020-3 and X2-DFN2015-3 packages
● Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)

Applications
● Open and Close Detect for Flip/Slide Cellular Phones
● Smart Cover or Dock Detect for Cellular Phones and Tablets
● Cover or Display Switch in Portable PCs (such as Ultrabook™)
● Display Switch for Portable PCs
● On/Off switch for PDAs and Digital Cameras
● Contactless Switch in Consumer Products




Similar Part No. - AH1802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1802 DIODES-AH1802 Datasheet
234Kb / 11P
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
31170 Rev. 8 - 2
AH1802-FJG-7 DIODES-AH1802-FJG-7 Datasheet
234Kb / 11P
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
31170 Rev. 8 - 2
AH1802-FJG-7-01 DIODES-AH1802-FJG-7-01 Datasheet
234Kb / 11P
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
31170 Rev. 8 - 2
AH1802-FY4G-7 DIODES-AH1802-FY4G-7 Datasheet
234Kb / 11P
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
31170 Rev. 8 - 2
AH1802-SNG-7 DIODES-AH1802-SNG-7 Datasheet
234Kb / 11P
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
31170 Rev. 8 - 2
More results


Similar Description - AH1802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180 DIODES-AH180 Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
AH1885 DIODES-AH1885 Datasheet
97Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1885 Rev. 1
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
Rev 1
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH1883 DIODES-AH1883_11 Datasheet
228Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Rev 6
logo
Advanced Power Electron...
APE9105 A-POWER-APE9105 Datasheet
115Kb / 6P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
logo
Major-Power Technology ...
MA7001E MPOWER-MA7001E Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.1
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
MA7006 MPOWER-MA7006 Datasheet
125Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com