Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1892 Datasheet (PDF) - Diodes Incorporated

AH1892 Datasheet PDF - Diodes Incorporated
Part # AH1892
Download  AH1892 Download
File Size   299.46 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH

AH1892 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1892 Datasheet PDF - Diodes Incorporated

Part # AH1892
Download  AH1892 Click to download

File Size   299.46 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH

AH1892 Datasheet (HTML) - Diodes Incorporated


AH1892 Product details

Description
The AH1892 is a micropower magnetic range selectable (Bop/Brp) Omnipolar Hall effect switch IC with internal pull up and pull down capability, designed for consumer equipment ranging from portable and battery powered cellular phones and portable PCs to home appliances and industrial applications. To support battery powered equipment and low voltage microcontrollers, the AH1892 can operate over the supply range of 1.6V to 3.6V and uses a hibernating clocking system to minimize the power consumption. The average supply current is only 4.3µA typical at 1.80V. Due to the application diversity, the AH1892 has an 8kV ESD rating on the supply and output pins. To minimize PCB space the AH1892 is packaged in the small CSP package (0.71mm x 0.71mm) or SOT553 leaded package

Features
• Omnipolar operation (North or South pole)
• Programmable operate and release points
• Supply voltage of 1.6V to 3.6V
• Micropower operation
• Chopper stabilized design
    ◾ Superior temperature stability
    ◾ Extremely Low Switch-Point Drift
    ◾ Insensitive to Physical Stress
• No external pull up resistors required
• Good RF noise immunity
• -40°C to +85°C operating temperature
• 8kV ESD on supply and output pins
• Miniature U-WLB07070-4 (CSP 0.71mm x 0.71mm typical) and small low profile SOT553
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Open and close detect for gaming and cellular phones
• Holster and dock detect for cellular phones
• Cover switch in portable and tablet PCs
• Digital still and video cameras
• Tray, door and covers position detect for printers and scanners
• Contact-less switch in consumer and industrial products




Similar Part No. - AH1892

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
Rev 1
AH1891-CA4-7 DIODES-AH1891-CA4-7 Datasheet
256Kb / 7P
MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
Rev 1
AH1893 DIODES-AH1893 Datasheet
326Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
AH1893-FA-7 DIODES-AH1893-FA-7 Datasheet
326Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
AH1893-Z-7 DIODES-AH1893-Z-7 Datasheet
326Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
More results


Similar Description - AH1892

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180 DIODES-AH180 Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1802 DIODES-AH1802 Datasheet
106Kb / 7P
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1802 Rev. 2
AH180N DIODES-AH180N Datasheet
194Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH180 DIODES-AH180_10 Datasheet
248Kb / 13P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
Rev 17
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
Rev 1
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
Rev 1
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH1894 DIODES-AH1894 Datasheet
394Kb / 13P
PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com