Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1891 Datasheet (PDF) - Diodes Incorporated

AH1891 Datasheet PDF - Diodes Incorporated
Part # AH1891
Download  AH1891 Download
File Size   256.72 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH

AH1891 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1891 Datasheet PDF - Diodes Incorporated

Part # AH1891
Download  AH1891 Click to download

File Size   256.72 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH

AH1891 Datasheet (HTML) - Diodes Incorporated


AH1891 Product details

Description
The AH1891 is a miniature micropower Omnipolar Hall effect switch IC with dual outputs specifically designed for portable and battery powered equipment such as cellular phones and portable PCs. To support battery powered equipment the AH1891 has been optimized to operate over the supply range of 1.8V to 3.3V and uses a sleep function to give an average supply current of only 7uA. To minimize PCB space the AH1891 is packaged in the small CSP package (0.8mmx0.8mm) and the design integrates the external pull up resistors to simplify the applications circuit.

Features
• Omnipolar (North or South) operation
• Low supply voltage of 1.8V to 3.3V
• Micropower operation
• Dual outputs for design flexibility
• Internal pull up and pull down capability
• Chopper stabilized design for:
    o Superior temperature stability
    o Superior temperature stability
    o Superior temperature stability
• Good RF noise immunity
• -40°C to 85°C Operating Temperature
• ESD > 4KV in Human Body Mode
• Miniature CSP package 0.8mm x 0.8mm

Applications
• Cellular phones
• Portable PCs and PDAs
• Digital cameras
• Portable and battery powered applications




Similar Part No. - AH1891

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH1892-CD4-7 DIODES-AH1892-CD4-7 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH1892-Z-7 DIODES-AH1892-Z-7 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH1893 DIODES-AH1893 Datasheet
326Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
AH1893-FA-7 DIODES-AH1893-FA-7 Datasheet
326Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
More results


Similar Description - AH1891

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180 DIODES-AH180 Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH180N DIODES-AH180N Datasheet
194Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
Rev 1
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH1812 DIODES-AH1812 Datasheet
300Kb / 8P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
Rev 1
AH1810 DIODES-AH1810 Datasheet
162Kb / 7P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH9251 DIODES-AH9251 Datasheet
447Kb / 10P
MEDIUM SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com