Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1812 Datasheet (PDF) - Diodes Incorporated

AH1812 Datasheet PDF - Diodes Incorporated
Part # AH1812
Download  AH1812 Download
File Size   300.72 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH

AH1812 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1812 Datasheet PDF - Diodes Incorporated

Part # AH1812
Download  AH1812 Click to download

File Size   300.72 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH

AH1812 Datasheet (HTML) - Diodes Incorporated


AH1812 Product details

Description
The AH1812 is a high sensitivity micropower Omnipolar Hall effect switch IC with an open drain output. Designed for portable and battery powered equipment such as cellular phones and portable PCs, the average supply current is only 4.3µA at 1.85V. To support potable equipment the AH1812 can operate over the supply range of 1.6V to 3.6V and uses a hibernating clocking system to minimize the power consumption. To minimize PCB space the AH1812 is available in small low profile X1-DFN1216-4 package

Features
 • Omnipolar Operation (North or South Pole)
 • Supply Voltage of 1.6V to 3.6V
 • High Sensitivity
 • Micropower Operation
 • Chopper Stabilized Design Provides:
    ◾ Superior Temperature Stability
    ◾ Extremely Low Switch-Point Drift
    ◾ Enhanced Immunity to Stress
 • Open Drain Output for System Flexibility
 • Good RF Noise Immunity
 • -40°C to +85°C Operating Temperature
 • Small and Low Profile X1-DFN1216-4 Package
 • Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 • Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 • Cover or Display Switch in Portable PCs
 • Open and Close Detect for Cellular Phones
 • Holster Detect for Cellular Phones and Tablet PCs
 • Digital Still and Video Cameras
 • Contact-Less Switches




Similar Part No. - AH1812

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1812 DIODES-AH1812 Datasheet
482Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH1812-FA-7 DIODES-AH1812-FA-7 Datasheet
482Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
More results


Similar Description - AH1812

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180N DIODES-AH180N Datasheet
194Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
Rev 1
AH1810 DIODES-AH1810 Datasheet
162Kb / 7P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH1806 DIODES-AH1806 Datasheet
374Kb / 10P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 8
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com