Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH180N Datasheet (PDF) - Diodes Incorporated

AH180N Datasheet PDF - Diodes Incorporated
Part # AH180N
Download  AH180N Download
File Size   194.75 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH

AH180N Datasheet (PDF)

Go To PDF Page Download Datasheet
AH180N Datasheet PDF - Diodes Incorporated

Part # AH180N
Download  AH180N Click to download

File Size   194.75 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH

AH180N Datasheet (HTML) - Diodes Incorporated


AH180N Product details

Description

The AH180N is a high sensitivity, micro power Omnipolar Hall Effect switch IC designed for portable and battery powered equipment such as cellular phones, PDA’ s and portable PC’ s. Based on two sensitive Hall Effect plates and a chopper stabilized architecture the AH180N provides a reliable solution overthe whole operating range. To support portable and battery powered equipment the design has been optimized to operate over the supply range of 2.5V to 5.5V and consumes only 24µA with a supply of 3V.



Features

• Omnipolar (North or South pole) Operation

•High Sensitivity

• Single Open Drain Output

•Micropower Operation

• 2.5V to 5.5V Operating Range

• Chopper Stabilized Design Provides

     Superior Temperature Stability

     Minimal Switch Point Drift

     Enhanced Immunity to Stress

• Good RF Noise Immunity

• -40°C to +85°C Operating Temperature

• ESD (HBM) > 6KV

• SC59 (SOT23), TSOT23, and SOT553 Low Profile Packages

•  Totally Lead-Free & Fully RoHS Compliant

•  Halogen and Antimony Free. “Green” Device



Applications

• Cover Switch in Clam-Shell or Slide Type Cellular Phones

• Display Switch for Portable PCs

• On/Off Switch for PDAs and Digital Cameras

• Contact-Less Switch in Consumer Products




Similar Part No. - AH180N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180N DIODES-AH180N Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WG-7 DIODES-AH180N-WG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WG-7 DIODES-AH180N-WG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
More results


Similar Description - AH180N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180 DIODES-AH180 Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
Rev 1
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
Rev 1
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH1812 DIODES-AH1812 Datasheet
300Kb / 8P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
Rev 1
AH1810 DIODES-AH1810 Datasheet
162Kb / 7P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH9251 DIODES-AH9251 Datasheet
447Kb / 10P
MEDIUM SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com