Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR3108A Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

AMR3108A Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # AMR3108A
Download  AMR3108A Download
File Size   1364.88 Kbytes
Page   16 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description AMR 180º/360º Magnetic Rotary Encoder Sensor

AMR3108A Datasheet (PDF)

Go To PDF Page Download Datasheet
AMR3108A Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # AMR3108A
Download  AMR3108A Click to download

File Size   1364.88 Kbytes
Page   16 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description AMR 180º/360º Magnetic Rotary Encoder Sensor

AMR3108A Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


AMR3108A Product details

Description
The AMR3108A is a contactless, high-precision, and
high-speed magnetic rotary encoder sensor, which
integrated with anisotropic magnetoresistance (AMR)
sensors and CMOS digital signal processing circuitry.
The AMR3108A senses the single pole-pair magnet
rotation above the chip by AMR sensors, collects the
rotating magnetic field signal, transmits it to the digital
processing unit, calculates the rotation angle and
outputs 12-bit absolute position signals.
The signal period of AMR3108A is 180° rotation
angle. Using the reserved inverted switch interface, it
can be extended to the detection of 360° rotation angle.
AMR3108A outputs 12-bit absolute position signal
through SPI communication protocol in a 180°
rotation period. At the same time, it is able to output
A/B phase programmable incremental position signal
with 1 to 1024 pulse and programmable zero-point
(Z phase) signal. AMR3108A also provides inverted
UVW output, analog and PWM signals, with rotational
speed up to 20,000 RPM.

Features and Benefits
••Anisotropic magnetoresistance (AMR) technology
••Contactless measurement
••Available in SPI, ABZ differential, UVW, Analog and
PWM interfaces
••12-bit absolute position output in SPI mode
••Programmable A/B interpolation factors: ×1 to ×1024
••Programmable Z pulse width in 1LSB/2LSB/4LSB/90°
••Programmable inverted UVW output resolution in
1 to 16 pole-pair
••Programmable analog clamping voltage and PWM
frequency
••Programmable zero position
••Angular repeatability < ±0.1°
••Speeds up to 20,000 RPM
••Adaptive supply voltage: 3.3 V to 5 V

Applications
••Contactless angular position measurement
••Brushless motor position sensing
••Rotary speed sensing
••Stepper motor




Similar Part No. - AMR3108A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
AMR3 CHINFA-AMR3 Datasheet
187Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
AMR3-05 CHINFA-AMR3-05 Datasheet
187Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
AMR3-12 CHINFA-AMR3-12 Datasheet
187Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
AMR3-15 CHINFA-AMR3-15 Datasheet
187Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
AMR3-24 CHINFA-AMR3-24 Datasheet
187Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Similar Description - AMR3108A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
Magnetic Rotary Encoder 14-bit Angular Position Sensor
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5000-MA6H-1 AMSCO-AS5000-MA6H-1 Datasheet
73Kb / 1P
Magnetic Rotary Encoder Family
AS5000-MA8H-1 AMSCO-AS5000-MA8H-1 Datasheet
87Kb / 1P
Magnetic Rotary Encoder Family
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
TMR3102 MULTIDIMENSION-TMR3102 Datasheet
1Mb / 14P
TMR Magnetic Rotary Encoder
Version 2.0.1
TMR3105A MULTIDIMENSION-TMR3105A Datasheet
1Mb / 15P
TMR Magnetic Rotary Encoder
Version 2.0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com