Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR4050D Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

AMR4050D Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # AMR4050D
Download  AMR4050D Download
File Size   1004.9 Kbytes
Page   9 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High Accuracy Analog Magnetic Scale Sensor

AMR4050D Datasheet (PDF)

Go To PDF Page Download Datasheet
AMR4050D Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # AMR4050D
Download  AMR4050D Click to download

File Size   1004.9 Kbytes
Page   9 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High Accuracy Analog Magnetic Scale Sensor

AMR4050D Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


AMR4050D Product details

Description
The AMR40X0 series magnetic grate sensors
integrate two push-pull Wheatstone bridges, each
of which contains four high-sensitivity anisotropic
magnetoresistance (AMR) sensing elements. Such a
design effectively compensates temperature drift to
ensure high accuracy under wide temperature range.
As the AMR40X0 moves along the magnetic scale,
sensor outputs two orthogonal sets of analog voltage
signals (sine and cosine), the period of which
corresponds to the scale’s magnetic pole pitch. The
relative displacement of the sensor and the scale
can be accurately determined by calculating the two
sets of analog voltage signals. The AMR40X0 series
have been designed with internal sensor elements
close to the surface of the package to reduce
limitations on airgap. Combined with the already
small DFN12L (6 mm × 2 mm × 0.75 mm) package,
the AMR40X0 series give greater responsibility to
system design and ease of assembly in tight spaces.

Features and benefits
•• Anisotropic magnetoresistance (AMR) technology
••Wide range supply voltages
•• Large airgap tolerance
•• Low saturation field
•• Phase A and phase B analog output
•• Excellent temperature stability
•• High tolerance to external magnetic field interference
•• RoHS & REACH compliant

Applications
•• Incremental or absolute encoder
•• Linear or angular displacement encoder
•• Magnetic scale and magnetic encoder




Similar Part No. - AMR4050D

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMR400N ANALOGPOWER-AMR400N Datasheet
351Kb / 5P
N-Channel 250-V (D-S) MOSFET
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
N-Channel 200-V (D-S) MOSFET
AMR404N ANALOGPOWER-AMR404N Datasheet
417Kb / 5P
N-Channel 200-V (D-S) MOSFET
AMR406N ANALOGPOWER-AMR406N Datasheet
428Kb / 5P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - AMR4050D

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
logo
ASM GmbH
PMIS3-20-5-50KHZ ASM-SENSOR-PMIS3-20-5-50KHZ Datasheet
238Kb / 9P
Magnetic Scale Position Sensor
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
Magnetic inclination sensor with analog output
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
411Kb / 13P
High Accuracy Analog Speed Sensor IC with Integrated Filter
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425_16 Datasheet
409Kb / 13P
High Accuracy Analog Speed Sensor IC with Integrated Filter
logo
MultiDimension Technolo...
AMR2302 MULTIDIMENSION-AMR2302 Datasheet
896Kb / 8P
High Accuracy, Low Noise Dual Axis Linear Magnetic Sensor
Version 2.0
AMR2501 MULTIDIMENSION-AMR2501 Datasheet
882Kb / 8P
High Accuracy, Low Noise Linear Magnetic Sensor
Version 2.0
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
High accuracy analog output dual axis position sensor
Version 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com