Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR4100 Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

AMR4100 Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # AMR4100
Download  AMR4100 Download
File Size   905.94 Kbytes
Page   7 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High accuracy analog output dual axis position sensor

AMR4100 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMR4100 Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # AMR4100
Download  AMR4100 Click to download

File Size   905.94 Kbytes
Page   7 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High accuracy analog output dual axis position sensor

AMR4100 Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


AMR4100 Product details

Description
AMR4100 is based on the principle of anisotropic
magnetoresistance (AMR), and its output voltage
changes with the direction of the magnetic field
(target magnetic field) received. The AMR4100
outputs two sets of analog voltage signals (sine and
cosine) with a phase difference of 45° when the
magnetic field direction rotates one circle. The period
of these two sets of analog voltage signals is twice
the rotation period of the magnetic field direction.
The angular position information of the target magnetic
field can be determined in real time by calculating
the two sets of analog voltage signals.
Through the optimized design, the temperature drift
of the AMR4100 is effectively compensated, the
measurement accuracy of the sensor in various
application environments is improved, and the
limitation for the installation distance between the
measured object and the sensor is reduced. It is
available in the compact DFN12L(6 mm × 2 mm ×
0.75 mm) packages and easy to assemble in tight
spaces.

Features and benefits
•• Anisotropic magnetoresistance (AMR) technology
••Wide operating voltage range (up to ±9 V)
•• Sine/cosine signal output (differential analog signal)
•• Excellent thermal stability
•• High accuracy (absolute accuracy 0.1º)
•• RoHS & REACH compliant

Applications
•• Linear displacement sensing
•• Length measurement
•• Linear encoder
•• High speed rotation encoder
•• Angular displacement sensing
•• Knob sensor




Similar Part No. - AMR4100

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMR410N ANALOGPOWER-AMR410N Datasheet
344Kb / 5P
N-Channel 100-V (D-S) MOSFET
More results


Similar Description - AMR4100

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
502Kb / 12P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A1425 ALLEGRO-A1425_05 Datasheet
807Kb / 13P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
STMicroelectronics
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
06-Jul-2009
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
logo
ASM GmbH
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
Position Sensor Flat Housing with Analog Output
logo
MultiDimension Technolo...
AMR2302 MULTIDIMENSION-AMR2302 Datasheet
896Kb / 8P
High Accuracy, Low Noise Dual Axis Linear Magnetic Sensor
Version 2.0
AMR4020 MULTIDIMENSION-AMR4020 Datasheet
1,004Kb / 9P
High Accuracy Analog Magnetic Scale Sensor
Version 2.0.1
logo
ams AG
AS5116 AMSCO-AS5116 Datasheet
1Mb / 34P
On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
v4-00 2022-Feb-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com