Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR4100 Datasheet(PDF) 4 Page - MultiDimension Technology Co.,Ltd.

Part # AMR4100
Description  High accuracy analog output dual axis position sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR4100 Datasheet(HTML) 4 Page - MultiDimension Technology Co.,Ltd.

  AMR4100 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4. Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit
Supply voltage
VCC
-9
9
V
Operating ambient temperature
TA
-40
125
°C
Storage ambient temperature
TSTG
-40
150
°C
5. Electrical Specifications
VCC = 5 V, TA= 25 °C, a 0.1 μF capacitor is connected between VCC and GND
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
VCC
-
-
5
-
V
Angle error
Δθ
-
-
0.1
-
°
Response time 1)
tresponse
-
0.1
-
1
μS
Offset 2)
VOFFSET
-
-2.0
-
+2.0
mV/V
Offset temperature coefficient 3)
TCO
T1 = -40 °C, T2 = +150 °C
-2.0
-
+2.0
μV/V/°C
Output amplitude 4)
VPEAK
-
11.0
13.0
15.0
mV/V
VPEAK temperature coefficient 5)
TCVPEAK T1 = -40 °C, T2 = +150 °C
-0.32
-0.36
-0.40
%/°C
Bridge resistance 6)
RB
-
2.2
2.7
3.2
kΩ
Resistance temperature coefficient 7)
TCRB
T1 = -40 °C, T2 = +150 °C
0.34
0.38
0.42
%/°C
6. Magnetic Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applied magnetic field
B
-
-
300
-
Gs
Applied magnetic field
B
Anti-interference enhanced
-
750
-
Gs
Note:
Response time is defined as the delay of the output signal relative to the change in the magnetic field
Resistance between V1+ and V1- and/or between V2+ and V2-
RB (T2) - RB (T1)
VPEAK (T2) - VPEAK (T1)
VOFF (T2) - VOFF (T1)
TCO
TCVPEAK
=
T2 - T1
1)
2)
=
× 100%
VPEAK (T1) × (T2 - T1)
TCRB
VPEAK
VOFFSET
=
× 100%
3)
4)
RB (T1) × (T2-T1)
5)
VMAX - VMIN
2
=
VMAX + VMIN
2
6)
7)
=
0
90
180
270
360
V2MAX
V2MIN
Magnetic field rotation angel ( ° )
Sensor input/output
04
AMR4100
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
High accuracy analog output
dual axis position sensor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com