Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR4100 Datasheet(PDF) 1 Page - MultiDimension Technology Co.,Ltd.

Part # AMR4100
Description  High accuracy analog output dual axis position sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR4100 Datasheet(HTML) 1 Page - MultiDimension Technology Co.,Ltd.

  AMR4100 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
01
High accuracy analog output dual
axis position sensor
AMR4100
0
90
180
270
Magnetic field rotation angel ( ° )
Application schematics of AMR4100
Description
AMR4100 is based on the principle of anisotropic
magnetoresistance (AMR), and its output voltage
changes with the direction of the magnetic field
(target magnetic field) received. The AMR4100
outputs two sets of analog voltage signals (sine and
cosine) with a phase difference of 45° when the
magnetic field direction rotates one circle. The period
of these two sets of analog voltage signals is twice
the rotation period of the magnetic field direction.
The angular position information of the target magnetic
field can be determined in real time by calculating
the two sets of analog voltage signals.
Through the optimized design, the temperature drift
of the AMR4100 is effectively compensated, the
measurement accuracy of the sensor in various
application environments is improved, and the
limitation for the installation distance between the
measured object and the sensor is reduced. It is
available in the compact DFN12L(6 mm × 2 mm ×
0.75 mm) packages and easy to assemble in tight
spaces.
Features and benefits
• Anisotropic magnetoresistance (AMR) technology
• Wide operating voltage range (up to ±9 V)
• Sine/cosine signal output (differential analog signal)
• Excellent thermal stability
• High accuracy (absolute accuracy 0.1º)
• RoHS & REACH compliant
Applications
• Linear displacement sensing
• Length measurement
• Linear encoder
• High speed rotation encoder
• Angular displacement sensing
• Knob sensor
DFN12L
Version 2.0
Datasheet
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/


Similar Part No. - AMR4100

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMR410N ANALOGPOWER-AMR410N Datasheet
344Kb / 5P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AMR4100

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
502Kb / 12P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A1425 ALLEGRO-A1425_05 Datasheet
807Kb / 13P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
STMicroelectronics
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
06-Jul-2009
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
logo
ASM GmbH
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
Position Sensor Flat Housing with Analog Output
logo
MultiDimension Technolo...
AMR2302 MULTIDIMENSION-AMR2302 Datasheet
896Kb / 8P
High Accuracy, Low Noise Dual Axis Linear Magnetic Sensor
Version 2.0
AMR4020 MULTIDIMENSION-AMR4020 Datasheet
1,004Kb / 9P
High Accuracy Analog Magnetic Scale Sensor
Version 2.0.1
logo
ams AG
AS5116 AMSCO-AS5116 Datasheet
1Mb / 34P
On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
v4-00 2022-Feb-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com