Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR4100 Datasheet(PDF) 5 Page - MultiDimension Technology Co.,Ltd.

Part # AMR4100
Description  High accuracy analog output dual axis position sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR4100 Datasheet(HTML) 5 Page - MultiDimension Technology Co.,Ltd.

  AMR4100 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
The AMR elements in chip work in the saturation
status, when the applied magnetic field strength B
is 300 Gs (25000 A/m) or above, and the output
signal will not change with the applied magnetic field
strength in this case. This allows the AMR4100 to
better adapt to a variety of applications environment,
such as air-gap vibration or high temperature
demagnetization during the operation of the
measurement system.
The output signal amplitude of AMR4100 is
proportional to the power supply voltage. Figure 4
and 5 are the schematic diagrams of the waveforms
of the two output signals of the sensor in 2 cycles
when power supply is 5 V.
The signal processing algorithm for sampling,
correcting, and decoding the output SIN/COS
analog signals will directly affect the final
measurement accuracy.
2.30
2.40
2.50
2.60
2.70
0
90
180
270
360
Magnetic field rotation angle (º)
SIN+
SIN-
COS+
COS-
Figure 4. Schematic diagram of the single-ended output
voltage waveform of AMR4100 within 2 cycles
-0.20
-0.10
0.00
0.10
0.20
0
90
180
270
360
Magnetic field rotation angle (º)
(SIN+) - (SIN-)
(COS+) - (COS-)
Figure 5. Schematic diagram of the differential output
voltage waveform of AMR4100 within 2 cycles
7. Application Information
05
AMR4100
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
High accuracy analog output
dual axis position sensor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com