Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR4100 Datasheet(PDF) 3 Page - MultiDimension Technology Co.,Ltd.

Part # AMR4100
Description  High accuracy analog output dual axis position sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR4100 Datasheet(HTML) 3 Page - MultiDimension Technology Co.,Ltd.

  AMR4100 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
03
1. Functional Block Diagram
Eight AMR resistors inside the sensor, power supply
and electrical connection of two sets of analog voltage
outputs as shown in Figure 1.
GND
+V1
-V1
+V2
-V2
Figure 1. Block diagram
2. Application schematics
AMR4100 sensor responds to horizontal magnetic
field (X-Y plane), and magnetic field rotation angle θ
was defined as 0º, while V1 = VPEAK and V2 = VOFF,
when magnetic field direction is in the same direction
as X-axis as shown in Figure 3, the red dash line.
X
Z
Y
Pin1
Figure 2. Sensing direction
The positions and magnetization directions of eight
AMR sensing elements integrated in the sensor
are precisely designed, so that the sensor output
V1 = Acos(2θ) represents the angle between the
direction of the external magnetic field and X axis,
and V2 = Bsin(2θ) represents the angle between the
direction of the external magnetic field and Y axis,
where A and B are constant and A
≅B.Theangular
position information of the applied magnetic field at
any time can be obtained by combining the V1 and
V2 signals at the corresponding time.
Each output signal is a differential analog voltage
signal, and each signal consists of two pin outputs
as shown in the table of pin configuration section.
3. Pin Configuration
NA
NA
NA
NA
NA
NA
V2+
V2-
V1+
V1-
GND
NA
NA
NA
NA
NA
NA
V2+
V2-
V1+
V1- GND
9
10
1
2
3
4
5
6
7
8
12
11
俯视图
9
10
EP
1
2
3
4
5
6
7
8
12
11
底视图
Figure 3. Pin configuration (DFN12L)
Number Symbol
Function
1
NA
-
2
V2-
Sin signal negative output
3
V1-
Cos signal negative output
4
GND
Ground
5
V1+
Cos signal positive output
6
V2+
Sin signal positive output
7
VCC
Power supply
8
NA
-
9
NA
-
10
NA
-
11
NA
-
12
NA
-
-
EP
Heat dissipation pad
Note: Pin 9, pin 12 and heat dissipation pad EP are
internally connected
AMR4100
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
High accuracy analog output
dual axis position sensor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com