Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR4100 Datasheet(PDF) 2 Page - MultiDimension Technology Co.,Ltd.

Part # AMR4100
Description  High accuracy analog output dual axis position sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR4100 Datasheet(HTML) 2 Page - MultiDimension Technology Co.,Ltd.

  AMR4100 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR4100 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Selection Guide
Part Number
Bridge resistance
Output amplitude
Output period
Package
Packing Form
AMR4100
2.7 KΩ
13 mV/V
180°
DFN12L
Tape & Reel
Catalogue
1. Functional Block Diagram...............................................................................................03
2. Application schematics ...................................................................................................03
3. Pin Configuration............................................................................................................03
4. Absolute Maximum Ratings............................................................................................04
5. Electrical Specifications..................................................................................................04
6. Magnetic Specifications..................................................................................................04
7. Application Information ...................................................................................................05
8. Dimensions.....................................................................................................................06
02
AMR4100
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
High accuracy analog output
dual axis position sensor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com