Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654 Datasheet (PDF) - Analog Devices

AD6654 Datasheet PDF - Analog Devices
Part # AD6654
Download  AD6654 Download
File Size   1929.8 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver

AD6654 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6654 Datasheet PDF - Analog Devices

Part # AD6654
Download  AD6654 Click to download

File Size   1929.8 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver

AD6654 Datasheet (HTML) - Analog Devices


AD6654 Product details

GENERAL DESCRIPTION
The AD6654 is a mixed-signal IF-to-baseband receiver consisting of a 14-bit, 92.16 MSPS analog-to-digital converter (ADC) and a 4-/6-channel, multimode digital down-converter (DDC) capable of processing up to six WCDMA (wideband code division multiple access) channels. The AD6654 has been optimized for the demanding filtering requirements of wideband standards such as CDMA2000, UMTS, and TD-SCDMA, but is flexible enough to support wider standards such as WiMAX. It is typically used as part of a radio system that digitally demodulates and filters IF sampled signals.

FEATURES
   SNR = 90 dB in 1.25 MHz bandwidth to Nyquist
   SNR = 87 dB in 1.25 MHz bandwidth to 200 MHz
   Integrated 14-bit, 92.16 MSPS ADC
   IF sampling frequencies to 200 MHz
   Internal 2.4 V reference, 2.2 V p-p analog input range
   Internal differential track-and-hold analog input
   Processes 4/6 wideband carriers simultaneously
   Fractional clock multiplier to 200 MHz
   Programmable decimating FIR filters, interpolating
      half-band filters and programmable AGC loops
      with 96 dB range
   Three 16-bit configurable parallel output ports
   User-configurable built-in self-test (BIST) capability
   8-/16-bit microport and SPORT/SPI® serial port control

APPLICATIONS
   Multicarrier, multimode digital receivers
   GSM, EDGE, PHS, UMTS, WCDMA, CDMA2000,
      TD-SCDMA, WiMAX
   Micro and pico cell systems, software radios
   Wireless local loop
   Smart antenna systems
   In-building wireless telephony
   Broadband data applications
   Instrumentation and test equipment




Similar Part No. - AD6654

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
More results


Similar Description - AD6654

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6652 AD-AD6652 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
7/04-Revision 0
logo
Texas Instruments
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Linear Technology
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
14-Bit Dual-Channel IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
16-Bit IF/Baseband Receiver Subsystem
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Analog Devices
AD6652 AD-AD6652_15 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
logo
Linear Technology
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com