Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652 Datasheet (PDF) - Analog Devices

AD6652 Datasheet PDF - Analog Devices
Part # AD6652
Download  AD6652 Download
File Size   1839.17 Kbytes
Page   76 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 65 MSPS IF to Baseband Diversity Receiver

AD6652 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6652 Datasheet PDF - Analog Devices

Part # AD6652
Download  AD6652 Click to download

File Size   1839.17 Kbytes
Page   76 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 65 MSPS IF to Baseband Diversity Receiver

AD6652 Datasheet (HTML) - Analog Devices


AD6652 Product details

PRODUCT DESCRIPTION

The AD6652 is a mixed-signal IF to baseband receiver consisting of dual 12-bit 65 MSPS ADCs and a wideband multimode digital downconverter (DDC). The AD6652 is designed to support communications applications where low cost, small size, and versatility are desired. The AD6652 is also suitable for other applications in imaging, medical ultrasound, instrumentation, and test equipment.



FEATURES

  SNR = 90 dB in 150 kHz bandwidth (to Nyquist @ 61.44 MSPS)

  Worst harmonic = 83 dBc (to Nyquist @ 61.44 MSPS)

  Integrated dual-channel ADC:

     Sample rates up to 65 MSPS

     IF sampling frequencies to 200 MHz

     Internal ADC voltage reference

     Integrated ADC sample-and-hold inputs

     Flexible analog input range (1 V to 2 V p-p)

     Differential analog inputs

     ADC clock duty cycle stabilizer

     85 dB channel isolation/crosstalk

  Integrated wideband digital downconverter (DDC):

     Crossbar switched DDC inputs

     Digital resampling for noninteger decimation

     Programmable decimating FIR filters

     Flexible control for multicarrier and phased array

     Dual AGC stages for output level control

     Dual 16-bit parallel or 8-bit link output ports

     User-configurable built-in self-test (BIST) capability

     Energy-saving power-down modes



APPLICATIONS

  Communications

  Diversity radio systems

  Multimode digital receivers:

     GSM, EDGE, PHS, AMPS, UMTS, WCDMA, CDMA-ONE,

     IS95, IS136, CDMA2000, IMT-2000

  I/Q demodulation systems

  Smart antenna systems

  General-purpose software radios

  Broadband data applications

  Instrumentation and test equipment



 




Similar Part No. - AD6652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6652 AD-AD6652_15 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
More results


Similar Description - AD6652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
594Kb / 28P
Diversity IF to Baseband GSM/EDGE Narrowband Receiver
AD6654 AD-AD6654 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
4/05-Revision 0
AD6655 AD-AD6655 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
IF Diversity Receiver
11/07-Revision 0
AD6650 AD-AD6650_07 Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
AD6652 AD-AD6652_15 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
IF Diversity Receiver
23-Feb-2017
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
IF Diversity Receiver
15-Jul-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com