Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408989 Datasheet (PDF) - PHOENIX CONTACT

1408989 Datasheet PDF - PHOENIX CONTACT
Part # 1408989
Download  1408989 Download
File Size   400.68 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FRT-4CON-PG11-M - Power connector

1408989 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408989 Datasheet PDF - PHOENIX CONTACT

Part # 1408989
Download  1408989 Click to download

File Size   400.68 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FRT-4CON-PG11-M - Power connector

1408989 Datasheet (HTML) - PHOENIX CONTACT


1408989 Product details

Power connector, 4-position, unshielded, Socket angled M12, T, Screw connection, knurl
material: Zinc die-cast, nickel-plated, cable gland Pg11, external cable diameter 8 mm ... 10 mm,
For direct current up to 12 A/63 V

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors
• High-performance: DC connectors for up to 12 A and 63 V DC
• Protection against incorrect connection using special T-coding




Similar Part No. - 1408989

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408980 PHOENIX-1408980 Datasheet
381Kb / 10P
NBC-R4QC/10,0-93B/R4QC - Network cable
1408985 PHOENIX-1408985 Datasheet
128Kb / 8P
Power connectors - SACC-M12MRS-3PECON-PG11-M
09/11/2020
1408986 PHOENIX-1408986 Datasheet
57Kb / 3P
Housing - HC-ADV-B24-CHFH-1TTM25-EEE
1408987 PHOENIX-1408987 Datasheet
130Kb / 8P
Power connectors - SACC-M12FRS-3PECON-PG11-M
09/11/2020
1408988 PHOENIX-1408988 Datasheet
407Kb / 14P
SACC-M12MRT-4CON-PG11-M - Power connector
More results


Similar Description - 1408989

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404415 PHOENIX-1404415 Datasheet
276Kb / 6P
Power connector - SACC-M12MS-4CON-PG11-M PWR
1404416 PHOENIX-1404416 Datasheet
276Kb / 6P
Power connector - SACC-M12FS-4CON-PG11-M PWR
1404641 PHOENIX-1404641 Datasheet
285Kb / 6P
Power connector - SACC-M12MSS-3PECON-PG11-M
1404642 PHOENIX-1404642 Datasheet
298Kb / 6P
Power connector - SACC-M12FSS-3PECON-PG11-M
1404643 PHOENIX-1404643 Datasheet
291Kb / 6P
Power connector - SACC-M12MST-3PECON-PG11-M
1408988 PHOENIX-1408988 Datasheet
407Kb / 14P
SACC-M12MRT-4CON-PG11-M - Power connector
1408991 PHOENIX-1408991 Datasheet
405Kb / 14P
SACC-M12FR-4CON-PG11-M PWR - Power connector
1507052 PHOENIX-1507052 Datasheet
488Kb / 14P
SACC-M12MS-4CON-PG11-DUO-M - Connector
1513444 PHOENIX-1513444 Datasheet
417Kb / 12P
SACC-M 8FR-4CON-M - Connector
1408990 PHOENIX-1408990 Datasheet
433Kb / 14P
SACC-M12MR-4CON-PG11-M PWR - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com