Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408980 Datasheet (PDF) - PHOENIX CONTACT

1408980 Datasheet PDF - PHOENIX CONTACT
Part # 1408980
Download  1408980 Download
File Size   381.71 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4QC/10,0-93B/R4QC - Network cable

1408980 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408980 Datasheet PDF - PHOENIX CONTACT

Part # 1408980
Download  1408980 Click to download

File Size   381.71 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4QC/10,0-93B/R4QC - Network cable

1408980 Datasheet (HTML) - PHOENIX CONTACT


1408980 Product details

Assembled PROFINET cable, CAT5e, shielded, star quad, 22 AWG stranded (7-wire), RAL 6018
(yellow-green), RJ45 plug/IP67 push/pull plastic housing to RJ45 plug/IP67 push/pull plastic
housing, line, length: 10 m

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1408980

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408985 PHOENIX-1408985 Datasheet
128Kb / 8P
Power connectors - SACC-M12MRS-3PECON-PG11-M
09/11/2020
1408986 PHOENIX-1408986 Datasheet
57Kb / 3P
Housing - HC-ADV-B24-CHFH-1TTM25-EEE
1408987 PHOENIX-1408987 Datasheet
130Kb / 8P
Power connectors - SACC-M12FRS-3PECON-PG11-M
09/11/2020
1408988 PHOENIX-1408988 Datasheet
407Kb / 14P
SACC-M12MRT-4CON-PG11-M - Power connector
1408989 PHOENIX-1408989 Datasheet
400Kb / 14P
SACC-M12FRT-4CON-PG11-M - Power connector
More results


Similar Description - 1408980

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407482 PHOENIX-1407482 Datasheet
1Mb / 28P
NBC-M12MSX/10,0-94F/R4QC - Network cable
1407523 PHOENIX-1407523 Datasheet
698Kb / 18P
NBC-M12MSD/10,0-93B/R4QC - Network cable
1407549 PHOENIX-1407549 Datasheet
699Kb / 18P
NBC-M12FSD/ 2,0-93B/R4QC - Network cable
1408949 PHOENIX-1408949 Datasheet
385Kb / 10P
NBC-R4QC/10,0-93E/R4QC - Network cable
1408967 PHOENIX-1408967 Datasheet
395Kb / 10P
NBC-R4QC/10,0-94B/R4QC - Network cable
1408978 PHOENIX-1408978 Datasheet
381Kb / 10P
NBC-R4QC/1,0-93B/R4QC - Network cable
1407521 PHOENIX-1407521 Datasheet
700Kb / 19P
NBC-M12MSD/ 2,0-93B/R4QC - Network cable
1407552 PHOENIX-1407552 Datasheet
698Kb / 18P
NBC-M12FSD/10,0-93B/R4QC - Network cable
1408977 PHOENIX-1408977 Datasheet
381Kb / 10P
NBC-R4QC/5,0-93B/R4QC - Network cable
1407548 PHOENIX-1407548 Datasheet
698Kb / 18P
NBC-M12FSD/ 1,0-93B/R4QC - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com