Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT79RC4640 Datasheet (PDF) - Renesas Technology Corp

IDT79RC4640 Datasheet PDF - Renesas Technology Corp
Part # IDT79RC4640
Download  IDT79RC4640 Download
File Size   780.75 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Cost Embedded 64-bit RISController w/ DSP Capability

IDT79RC4640 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT79RC4640 Datasheet PDF - Renesas Technology Corp

Part # IDT79RC4640
Download  IDT79RC4640 Click to download

File Size   780.75 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Cost Embedded 64-bit RISController w/ DSP Capability

IDT79RC4640 Datasheet (HTML) - Renesas Technology Corp


IDT79RC4640 Product details

Features
◆ High-performance embedded 64-bit microprocessor
– 64-bit integer operations
– 64-bit registers
– Based on the MIPS RISC Architecture
– 100MHz, 133MHz, 150MHz, 180MHz, 200MHz and 267MHz
operating frequencies
– 32-bit bus interface brings 64-bit power to 32-bit system cost
◆ High-performance DSP capability
– 133.5 Million Integer Mul-Accumulate
operations/sec @267MHz
– 89 MFlops floating-point operations @267MHz
◆ High-performance microprocessor
– 133.5 M Mul-Add/second @267MHz
– 89 MFlops @267MHz
– >640,000 dhrystone (2.1)/sec capability @267MHz (352
dhrystone MIPS)
◆ High level of integration
– 64-bit, 267 MHz integer CPU
– 8KB instruction cache; 8KB data cache
– Integer multiply unit with 133.5M Mul-Add/sec
◆ Upwardly software compatible with IDT RISController
Family
◆ Easily upgradable to 64-bit system




Similar Part No. - IDT79RC4640

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC4640 IDT-IDT79RC4640 Datasheet
205Kb / 23P
Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640 Datasheet
594Kb / 23P
Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
Low-Cost Embedded 64-bit RISController w/ DSP Capability
More results


Similar Description - IDT79RC4640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
Low Cost DSP Microcomputers
REV.0
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
Low-Cost 64-bit RISController w/DSP Capability
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
RISController Embedded 32-bit Microprocessor, based on RISCore32300
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
Low-Cost 64-bit RISController w/DSP Capability
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
Low-Cost Embedded 64-bit RISController w/ DSP Capability
logo
Analog Devices
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
Low Cost DSP Microcomputers
REV. 0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com