Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT79R4640 Datasheet (PDF) - Integrated Device Technology

IDT79R4640 Datasheet PDF - Integrated Device Technology
Part # IDT79R4640
Download  IDT79R4640 Download
File Size   205.4 Kbytes
Page   23 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low-Cost Embedded 64-bit RISController w/ DSP Capability

IDT79R4640 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT79R4640 Datasheet PDF - Integrated Device Technology

Part # IDT79R4640
Download  IDT79R4640 Click to download

File Size   205.4 Kbytes
Page   23 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low-Cost Embedded 64-bit RISController w/ DSP Capability

IDT79R4640 Datasheet (HTML) - Integrated Device Technology


IDT79R4640 Product details

DESCRIPTION
The IDT79R4640 is a low-cost member of the Integrated Device Technology, Inc. ORION family, targeted to a variety of performance-hungry embedded applications. The R4640 continues the ORION tradition of high-performance through high-speed pipelines, high-bandwidth caches and bus interface, 64-bit architecture, and careful attention to efficient control. The cost of this performance is reduced by removing functional units frequently not required for many embedded applications.

FEATURES
• High-performance embedded 64-bit microprocessor
   - 64-bit integer operations
   - 64-bit registers
   - Based on the MIPS RISC Architecture
   - 80MHz, 100MHz, 133 MHz and 150MHz operation frequency
   - 32-bit bus interface brings 64-bit power to 32-bit system cost
• High-performance DSP capability
   - 75 Million Integer Mul-Accumulate operations/sec @150MHz
   - 50 MFlops floating-point operations @150MHz
• High-performance microprocessor
   - 75 M Mul-Add/second @150MHz
   - 50 MFlops @150MHz
   - >340,000 dhrystone (2.1)/sec capability @133MHz (197 dhrystone MIPS)
• High level of integration
   - 64-bit, 150 MHz integer CPU
   - 50MFlops single-precision floating-point unit
   - 8KB instruction cache; 8KB data cache
   - Integer multiply unit with 75M Mul-Add/sec
• Upwardly software compatible with IDT RISController Family
• Easily upgradable to 64-bit system
• Low-power operation
   - Active power management powers-down inactive units
   - Standby mode
• Large, efficient on-chip caches
   - Separate 8KB Instruction and 8KB Data caches
   - Over 1800MB/sec bandwidth from internal caches
   - 2-set associative
   - Write-back and write-through support
   - Cache locking to facilitate deterministic response
   - High performance write protocols for graphics and data communications
• Bus compatible with ORION family
   - System interfaces to 67 MHz, provides bandwidth up to 266 MB/sec
   - Direct interface to 32-bit wide systems
   - Synchronized to external reference clock for multimaster operation
• Improved real-time support
   - Fast interrupt decode
   - Optional cache locking




Similar Part No. - IDT79R4640

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
Low-Cost 64-bit RISController w/DSP Capability
IDT79R4650-100DP IDT-IDT79R4650-100DP Datasheet
533Kb / 25P
Low-Cost 64-bit RISController w/DSP Capability
IDT79R4650-100DPI IDT-IDT79R4650-100DPI Datasheet
533Kb / 25P
Low-Cost 64-bit RISController w/DSP Capability
IDT79R4650-133DP IDT-IDT79R4650-133DP Datasheet
533Kb / 25P
Low-Cost 64-bit RISController w/DSP Capability
IDT79R4650-133DPI IDT-IDT79R4650-133DPI Datasheet
533Kb / 25P
Low-Cost 64-bit RISController w/DSP Capability
More results


Similar Description - IDT79R4640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
Low Cost DSP Microcomputers
REV.0
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
Low-Cost 64-bit RISController w/DSP Capability
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
RISController Embedded 32-bit Microprocessor, based on RISCore32300
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
Low-Cost 64-bit RISController w/DSP Capability
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
Low-Cost Embedded 64-bit RISController w/ DSP Capability
logo
Analog Devices
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
Low Cost DSP Microcomputers
REV. 0
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com