Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT82V2604 Datasheet (PDF) - Renesas Technology Corp

IDT82V2604 Datasheet PDF - Renesas Technology Corp
Part # IDT82V2604
Download  IDT82V2604 Download
File Size   1416.71 Kbytes
Page   98 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description INVERSE MULTIPLEXING FOR ATM

IDT82V2604 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT82V2604 Datasheet PDF - Renesas Technology Corp

Part # IDT82V2604
Download  IDT82V2604 Click to download

File Size   1416.71 Kbytes
Page   98 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description INVERSE MULTIPLEXING FOR ATM

IDT82V2604 Datasheet (HTML) - Renesas Technology Corp


IDT82V2604 Product details

FEATURES
! Highlights
– Provides API command set for convenient configuration and
operation. An embedded controller and a downloaded software
are used to interpret the commands. Functions can be
added by software upgrading.
– Supports IMA group auto detect.
– Supports link backup so that a backup link can be automatically
added when a previously configured link fails.
– All the state machines are implemented in hardware.
– Advanced cell buffer management algorithm to support ATM
QoS requirements.
! Other Features
– Accommodates up to 4 IMA logical groups.
– Supports 4 T1/E1 channelized or unchannelized links.
– Supports T1 ISDN links.
– Supports MIXED mode: links not assigned to an IMA group
can be used in UNI mode.
– Supports symmetrical and asymmetrical operation.
– Supports Common Transmit Clock (CTC) and Independent
Transmit Clock (ITC) timing modes.
– Provides 4 Utopia Level 2 8 bit cell level handshake MPHY
interface to ATM device.
– Supports maximum link delay tolerance of up to 212 ms for E1
or 281 ms for T1 (when 512 KB external memory is used).
– Provides parameters for MIB (Management Information
Base).
– Supports dynamic addition/deletion of links to/from a working
IMA group.
– Supports non-multiplexed Intel or Motorola microprocessor
interface.
– Loopback capability at both TDM and Utopia ports.
– Supports MVIP.
– JTAG boundary scan meets IEEE 1149.1.




Similar Part No. - IDT82V2604

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2604 IDT-IDT82V2604 Datasheet
1Mb / 97P
INVERSE MULTIPLEXING FOR ATM IDT82V2604
IDT82V2604BB IDT-IDT82V2604BB Datasheet
1Mb / 97P
INVERSE MULTIPLEXING FOR ATM IDT82V2604
More results


Similar Description - IDT82V2604

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7340 PMC-PM7340 Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7341 PMC-PM7341 Datasheet
3Mb / 413P
S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
logo
Integrated Device Techn...
IDT82V2604 IDT-IDT82V2604 Datasheet
1Mb / 97P
INVERSE MULTIPLEXING FOR ATM IDT82V2604
IDT82V2616 IDT-IDT82V2616 Datasheet
511Kb / 99P
INVERSE MULTIPLEXING FOR ATM
logo
PMC-Sierra, Inc
PM7342 PMC-PM7342 Datasheet
65Kb / 2P
32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
logo
Integrated Device Techn...
IDT82V2608 IDT-IDT82V2608 Datasheet
1Mb / 98P
INVERSE MULTIPLEXING FOR ATM
logo
M/A-COM Technology Solu...
28229-PCN-001-A MA-COM-28229-PCN-001-A Datasheet
108Kb / 2P
Test and Ship Location Change for CX28224/5/9 Inverse Multiplexing
28529-DSH-001-K MA-COM-28529-DSH-001-K Datasheet
2Mb / 309P
Inverse Multiplexing for ATM (IMA) Family
28529-DSH-001-K MA-COM-28529-DSH-001-K_15 Datasheet
2Mb / 309P
Inverse Multiplexing for ATM (IMA) Family
logo
Renesas Technology Corp
IDT82V2608 RENESAS-IDT82V2608 Datasheet
1Mb / 99P
INVERSE MULTIPLEXING FOR ATM
December 4, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com