Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7342 Datasheet (PDF) - PMC-Sierra, Inc

PM7342 Datasheet PDF - PMC-Sierra, Inc
Part # PM7342
Download  PM7342 Download
File Size   65.06 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY

PM7342 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7342 Datasheet PDF - PMC-Sierra, Inc

Part # PM7342
Download  PM7342 Click to download

File Size   65.06 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY

PM7342 Datasheet (HTML) - PMC-Sierra, Inc


PM7342 Product details

FEATURES
IMA
• Supports up to 32 T1, E1, G.SHDSL or unchannelized links and up to 32 IMA groups with 1 to 32 links/group.
• Link and Group State Machines implemented on-chip requiring no real time software in the data path.
• Fully compliant with the ATM Forum Inverse Multiplexer for ATM (IMA) 1.1 specification and backward compatible to IMA 1.0.
• Supports both independent transmit clock (ITC) and common transmit clock (CTC) modes.
• Supports all IMA Group Symmetry modes: Symmetric/Asymmetric configuration and operation.
• Differential delay tolerance of 279 ms (for T1 links) and 226 ms (for E1 links).
• Performs IMA differential delay calculation and synchronization.
• Provides programmable limit on allowable differential delay and minimum number of links per group.
• Performs ICP and stuff-cell insertion and removal.
• Supports IMA frame length (M) equal to 32, 64, 128, or 256.
• Provides IMA layer statistic counts and alarms for support of IMA Performance and Failure Alarm Monitoring and MIB support.
• Provides per link counters for statistics and performance monitoring.

UNI
• Each link is software configurable as either a UNI or part of an IMA group.
• Performs receive cell Header Error Check (HEC) checking and transmit cell HEC generation.
• Optionally supports receive cell payload unscrambling and transmit cell payload scrambling.
• Provides TC layer statistics counts and alarms for MIB support.

ATM OVER FRACTIONAL T1/E1
• Supports ATM over Fractional T1/E1 compliant with the ATM Forum AF-PHY-0130.00 specification.

LINE INTERFACE
• 32 T1, E1, G.SHDSL or unchannelized links via 2-pin line interfaces.
• Supports a 19.44 MHz Scalable Bandwidth Interconnect (SBI) bus interface for seamless interconnect to the PM8315 TEMUX and PM8316 TEMUX-84.
• SBI supports two Synchronous Payload Envelopes (SPE). Each SPE can carry up to 16 T1s or 16 E1s.

UTOPIA / ANY-PHY INTERFACE
• Supports 8- and 16-bit UTOPIA L2 and Any-PHY cell interfaces at clock rates up to 52 MHz.
• Any-PHY transmit slave appears as a 32 port multi-PHY. The PHY-ID of each cell is identified using in-band addressing.
• Any-PHY receive slave appears as a single device. The PHY-ID of each cell is identified using in-band addressing.
• UTOPIA L2 transmit and receive slave appears as a 31-port multi-PHY.
• UTOPIA L2 receive slave can also appear as a single port with the logical port provided as a prepend.

GENERAL
• 16-bit interface for 1M x 16 SDRAM.
• Provides a 16-bit microprocessor interface for configuration, statistics gathering and Link and Unit Management.
• Provides a standard 5-pin P1149 JTAG port.
• Low-power 1.8 V CMOS with TTLcompatible I/O.
• 416-pin plastic ball grid array (PBGA) package.

APPLICATIONS
• Multiservice Switches.
• Optical Access Switches.
• DSLAMs.
• Wireless Basestation Controllers.
• Access Concentrators.




Similar Part No. - PM7342

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7340 PMC-PM7340 Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7340-PI PMC-PM7340-PI Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7341 PMC-PM7341 Datasheet
3Mb / 413P
S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PM7345 PMC-PM7345 Datasheet
74Kb / 2P
SATURN User Network Interface for PDH Applications
More results


Similar Description - PM7342

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7340 PMC-PM7340 Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7341 PMC-PM7341 Datasheet
3Mb / 413P
S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
Octal IMA/UNI PHY Device
MT90221 MITEL-MT90221 Datasheet
304Kb / 114P
Quad IMA/UNI PHY Device
logo
Integrated Device Techn...
IDT82V2616 IDT-IDT82V2616 Datasheet
511Kb / 99P
INVERSE MULTIPLEXING FOR ATM
IDT82V2608 IDT-IDT82V2608 Datasheet
1Mb / 98P
INVERSE MULTIPLEXING FOR ATM
logo
M/A-COM Technology Solu...
28529-DSH-001-K MA-COM-28529-DSH-001-K Datasheet
2Mb / 309P
Inverse Multiplexing for ATM (IMA) Family
28529-DSH-001-K MA-COM-28529-DSH-001-K_15 Datasheet
2Mb / 309P
Inverse Multiplexing for ATM (IMA) Family
logo
Renesas Technology Corp
IDT82V2604 RENESAS-IDT82V2604 Datasheet
1Mb / 98P
INVERSE MULTIPLEXING FOR ATM
December 4, 2006
IDT82V2608 RENESAS-IDT82V2608 Datasheet
1Mb / 99P
INVERSE MULTIPLEXING FOR ATM
December 4, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com