Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet (PDF) - PMC-Sierra, Inc

PM7344 Datasheet PDF - PMC-Sierra, Inc
Part # PM7344
Download  PM7344 Download
File Size   1147.56 Kbytes
Page   293 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE

PM7344 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7344 Datasheet PDF - PMC-Sierra, Inc

Part # PM7344
Download  PM7344 Click to download

File Size   1147.56 Kbytes
Page   293 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE

PM7344 Datasheet (HTML) - PMC-Sierra, Inc


PM7344 Product details

DESCRIPTION
The PM7344 SATURN Quad T1/E1 Multi-PHY User Network Interface (S/UNIMPH) is a monolithic integrated circuit that implements the T1/E1 processing and ATM mapping functions for four 1.544 Mbit/s or 2.048 Mbit/s ATM User Network Interfaces. It can also be used in conjunction with external framing devices, to implement ATM user network interfaces for other bit rates. For example, a quad J2 (6.312 Mbit/s) interface can be realized with four external J2 framers and a single S/UNI-MPH. It is fully compliant with both ANSI and ITU requirements and ATM Forum UNI specifications. The S/UNI-MPH is software configurable, allowing feature selection without changes to external wiring.

FEATURES
• Single chip quad ATM User Network Interface operating at 1.544 Mbit/s or
   2.048 Mbit/s.
• Implements the ATM Forum User Network Interface Specification V3.1 for
   DS1 and E1 transmission rates.
• Implements the ATM physical layer for Broadband ISDN according to ITU-T
   Recommendation I.432.
• Implements the direct cell mapping into DS1 or E1 transmission systems
   according to ITU-T Recommendation G.804.
• Implements (with an external framer device) the direct cell mapping into J2
   (6.312 Mbit/s) transmission systems according to ITU-T Recommendation
   G.804.
• Integrates a quad full-featured T1/E1 framer/transmitter for terminating four
   duplex 1.544 Mbit/s DS-1 signals or four duplex 2.048 Mbit/s E1 signals.
• Integrates a quad ATM cell processor for mapping ATM cells into T1, E1 and
   other arbitrary rate streams using HEC (Header Check Sequence Error
   Correction) cell delineation.
• Provides Saturn Compatible Interface (SCI-PHYTM) FIFO buffers in both
   transmit and receive paths with parity support and Utopia Level 2 compatible
   multi-PHY control signals.
• Software compatible with the PM4341A T1XC, PM6341 E1XC, and PM7345
   S/UNI-PDH.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
   test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration,
   control, and status monitoring.
• Low power, +5V, CMOS technology
• 128 pin rectangular (14mm x 20mm) PQFP package.

APPLICATIONS
• ATM Switches Supporting DS1 or E1 UNI Ports
• ATM Switches Supporting DS3 Ports Carrying Multiplexed DS1 or E1 UNI Signals
• ATM Switches Supporting STS-3/STM-1 Or Other SONET/SDH Ports Carrying Tributary Mapped DS1 or E1 UNI Signals
• ATM Customer Premise Equipment Supporting Multiple DS1 or E1 UNI Ports




Similar Part No. - PM7344

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7340 PMC-PM7340 Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7340-PI PMC-PM7340-PI Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7341 PMC-PM7341 Datasheet
3Mb / 413P
S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PM7342 PMC-PM7342 Datasheet
65Kb / 2P
32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
PM7345 PMC-PM7345 Datasheet
74Kb / 2P
SATURN User Network Interface for PDH Applications
More results


Similar Description - PM7344

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
823Kb / 2P
QUAD T1/E1 LINE INTERFACE DEVICE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
SATURN USER NETWORK INTERFACE (155-QUAD)
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
SATURN USER NETWORK INTERFACE (622-MAX)
PM4314-1 PMC-PM4314-1 Datasheet
822Kb / 170P
QUAD T1/E1 LINE INTERFACE DEVICE
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com