Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM7344 Datasheet HTML 1Page - PMC-Sierra, Inc PM7344 Datasheet HTML 2Page - PMC-Sierra, Inc PM7344 Datasheet HTML 3Page - PMC-Sierra, Inc PM7344 Datasheet HTML 4Page - PMC-Sierra, Inc PM7344 Datasheet HTML 5Page - PMC-Sierra, Inc PM7344 Datasheet HTML 6Page - PMC-Sierra, Inc PM7344 Datasheet HTML 7Page - PMC-Sierra, Inc PM7344 Datasheet HTML 8Page - PMC-Sierra, Inc PM7344 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
i
CONTENTS
1
FEATURES .............................................................................................. 1
2
APPLICATIONS ....................................................................................... 6
3
REFERENCES......................................................................................... 7
4
APPLICATION EXAMPLES ................................................................... 10
5
BLOCK DIAGRAM ................................................................................. 14
6
DESCRIPTION ...................................................................................... 15
7
PIN DIAGRAM ....................................................................................... 17
8
PIN DESCRIPTION................................................................................ 18
9
FUNCTIONAL DESCRIPTION............................................................... 40
9.1
DIGITAL RECEIVE INTERFACE (DRIF) ..................................... 40
9.2
PULSE DENSITY VIOLATION DETECTOR (PDVD) .................. 43
9.3
T1/E1 FRAMER (FRMR)............................................................. 44
9.4
ALARM INTEGRATOR (ALMI) .................................................... 44
9.5
T1 INBAND LOOPBACK CODE DETECTOR (IBCD) ................. 45
9.6
PERFORMANCE MONITOR COUNTERS (PMON) ................... 45
9.7
T1 BIT ORIENTED CODE DETECTOR (RBOC) ........................ 46
9.8
HDLC RECEIVER (RFDL)........................................................... 46
9.9
T1/E1 FRAMING INSERTIONS (TRAN) ..................................... 47
9.10 T1 INBAND LOOPBACK CODE GENERATOR (XIBC) .............. 47
9.11 T1 PULSE DENSITY ENFORCER (XPDE)................................. 47
9.12 T1 BIT ORIENTED CODE GENERATOR (XBOC)...................... 48
9.13 T1 HDLC TRANSMITTER (T1 XFDL) ......................................... 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com