Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 33Page - PMC-Sierra, Inc PM7344 Datasheet HTML 34Page - PMC-Sierra, Inc PM7344 Datasheet HTML 35Page - PMC-Sierra, Inc PM7344 Datasheet HTML 36Page - PMC-Sierra, Inc PM7344 Datasheet HTML 37Page - PMC-Sierra, Inc PM7344 Datasheet HTML 38Page - PMC-Sierra, Inc PM7344 Datasheet HTML 39Page - PMC-Sierra, Inc PM7344 Datasheet HTML 40Page - PMC-Sierra, Inc PM7344 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
21
Pin Name
Type
Pin
No.
Function
RDLCLK[4]
RDLCLK[3]
RDLCLK[2]
RDLCLK[1]/
Output
78
77
76
75
Receive Data Link Clock (RDLCLK). The
RDLCLK signal is available on this pin when the
internal HDLC receiver (RFDL) is disabled from
use. RDLCLK is used to process the data
stream contained on RDLSIG. When the S/UNI-
MPH is configured to receive T1-SF formatted
data, or when the T1/E1 framers are bypassed,
RDLCLK is held low. In all other formats the
rising edge of RDLCLK can be used to sample
the data on RDLSIG.
RDLEOM[4]
RDLEOM[3]
RDLEOM[2]
RDLEOM[1]
Receive Data Link End of Message (RDLEOM).
The RDLEOM signal is available on this pin
when RFDL is enabled. RDLEOM goes high
when the last byte of a received sequence is
read from the RFDL FIFO buffer, or when the
FIFO buffer is overrun.
TDLSIG[4]
TDLSIG[3]
TDLSIG[2]
TDLSIG[1]/
I/O
42
41
40
39
Transmit Data Link Signal (TDLSIG). The
TDLSIG signal is input on this pin when the
internal HDLC transmitter (XFDL) is disabled
from use. TDLSIG is the source for the data
stream to be inserted into the data link. When
the S/UNI-MPH is configured to transmit T1-ESF
formatted data, TDLSIG contains the data
stream inserted in the facility data link; when the
S/UNI-MPH is configured to transmit T1-SF
formatted data, TDLSIG is ignored; when the
S/UNI-MPH is configured to transmit E1
formatted data, TDLSIG contains the data
stream inserted in timeslot 16 or a data stream
inserted in any combination of the national bits.
TDLSIG is sampled on the rising edge of
TDLCLK.
TDLINT[4]
TDLINT[3]
TDLINT[2]
TDLINT[1]
Transmit Data Link Interrupt (TDLINT). The
TDLINT signal is output on this pin when XFDL
is enabled. TDLINT goes high when the last
data byte written to the XFDL has been set up
for transmission and processor intervention is
required to either write control information to end
the message, or to provide more data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com