Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 35Page - PMC-Sierra, Inc PM7344 Datasheet HTML 36Page - PMC-Sierra, Inc PM7344 Datasheet HTML 37Page - PMC-Sierra, Inc PM7344 Datasheet HTML 38Page - PMC-Sierra, Inc PM7344 Datasheet HTML 39Page - PMC-Sierra, Inc PM7344 Datasheet HTML 40Page - PMC-Sierra, Inc PM7344 Datasheet HTML 41Page - PMC-Sierra, Inc PM7344 Datasheet HTML 42Page - PMC-Sierra, Inc PM7344 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
Pin Name
Type
Pin
No.
Function
TDN[4]
TDN[3]
TDN[2]
TDN[1]/
Output
47
44
27
24
Transmit Digital Negative Line Pulse (TDN).
This signal is available on the pin when the
S/UNI-MPH is configured to transmit dual-rail
data. The TDN signal can be formatted for
either RZ or NRZ waveforms, and can be
enabled to be updated on the rising or falling
edge of TCLKO. When configured for single-rail
T1 or E1 data, TDN is unused.
TOHO[4]
TOHO[3]
TOHO[2]
TOHO[1]
Transmit Overhead Mask Output (TOHO).
When the S/UNI-MPH is configured to bypass
the T1/E1 transmit framers, this signal indicates
the placeholder bit positions for the framing
overhead in the transmit stream. TOHO may be
connected to an external framer device to
provide a user network interface for arbitrary bit
rates or for the J2 rate (for which TOHO is
specially conditioned to operate with the
Transwitch JT2F framer). The ATM cell stream
can be configured to be byte aligned to TOHO
(in which case the number of TCLKO periods
between active TOHO edges must be divisible
by eight). TOHO may be configured to be active
high or active low, and may be enabled to be
updated on the rising or falling edge of TCLKO.
TCLKI
Input
107
Transmit Clock Input (TCLKI). This signal
provides the transmit direction timing (when the
S/UNI-MPH is not loop timed). The S/UNI-MPH
may be configured to ignore the TCLKI input
and utilize XCLK instead. The default
requirement is for TCLKI to be a 1.544 MHz
clock for T1 or a 2.048 MHz clock for E1. For
arbitrary bit rates, TCLKI must be less than or
equal to 25 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com