Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 68Page - PMC-Sierra, Inc PM7344 Datasheet HTML 69Page - PMC-Sierra, Inc PM7344 Datasheet HTML 70Page - PMC-Sierra, Inc PM7344 Datasheet HTML 71Page - PMC-Sierra, Inc PM7344 Datasheet HTML 72Page - PMC-Sierra, Inc PM7344 Datasheet HTML 73Page - PMC-Sierra, Inc PM7344 Datasheet HTML 74Page - PMC-Sierra, Inc PM7344 Datasheet HTML 75Page - PMC-Sierra, Inc PM7344 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
56
Figure 15
- Cell delineation State Diagram
HUNT
PRESYNC
SYNC
correct HCS
(bit by bit)
DELTA
consecutive
correct HCS's
(cell by cell)
Incorrect HCS
(cell by cell)
ALPHA
consecutive
incorrect HCS's
(cell by cell)
The values of ALPHA and DELTA determine the robustness of the delineation
method. ALPHA determines the robustness against false misalignments due to
bit errors. DELTA determines the robustness against false delineation in the
synchronization process. ALPHA is chosen to be 7 and DELTA is chosen to be 6
as recommended in ITU-T Recommendation I.432.
Loss of cell delineation (LCD) is detected by counting the number of incorrect
cells while in the HUNT state. The counter value is stored in the RXCP LCD
Count Threshold register. The threshold has a default value of 360 which results
in an E1 format detection time of 77 ms, and a T1 format detection time of 100
ms.
The RXCP descrambles the cell payload field using the self synchronizing
descrambler with a polynomial of x43 + 1. The cell header is not descrambled.
Note that cell payload scrambling is optional in the S/UNI-MPH.
The HCS is a CRC-8 calculation over the first 4 octets of the ATM cell header.
The RXCP verifies the received HCS using the accumulation polynomial, x8 + x2
+ x + 1. The coset polynomial x6 + x4 + x2 + 1 is added (modulo 2) to the
received HCS octet before comparison with the calculated result as required by
the ATM Forum UNI specification, and ITU-T Recommendation I.432.
The RXCP can be programmed to drop all cells containing an HCS error or to
filter cells based on the HCS and/or the 4 octet cell header. Filtering according
to a particular HCS and/or 4 octet header pattern is programmable through the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com