Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 95 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 95 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 91Page - PMC-Sierra, Inc PM7344 Datasheet HTML 92Page - PMC-Sierra, Inc PM7344 Datasheet HTML 93Page - PMC-Sierra, Inc PM7344 Datasheet HTML 94Page - PMC-Sierra, Inc PM7344 Datasheet HTML 95Page - PMC-Sierra, Inc PM7344 Datasheet HTML 96Page - PMC-Sierra, Inc PM7344 Datasheet HTML 97Page - PMC-Sierra, Inc PM7344 Datasheet HTML 98Page - PMC-Sierra, Inc PM7344 Datasheet HTML 99Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
79
inverted. When TDNINV is set to logic 1, the TDN/TOHO[x] output is inverted.
When TDNINV is set to logic 0, the TDN/TOHO[x] output is not inverted.
TUNI:
When the T1 or E1 format is selected, the TUNI bit enables the transmit
interface to generate unipolar digital outputs on the TDP/TDD[x] pin. When
TUNI is set to logic 1, the TDP/TDD[x] multifunction pin becomes the unipolar
output TDD[x], updated on the selected TCLKO edge. When TUNI is set to
logic 0, the TDP/TDD[x] and TDN/TOHO[x] multifunction pins become the
bipolar outputs TDP[x] and TDN[x], also updated on the selected TCLKO[x]
edge. The TUNI bit is ignored if either the J2 or Arbitrary framing formats are
selected.
TFALL:
The TFALL bit enables the Transmit Interface to sample the multifunction pin
TFPI/TOHI on the falling TCLKI edge. When TFALL is set to logic 1, the
interface is enabled to sample the TFPI/TOHI input on the falling TCLKI edge.
When TFALL is set to logic 0, the interface is enabled to sample the inputs on
the rising TCLKI edge.
TRISE:
The TRISE bit configures the interface to update the multifunction outputs on
the rising edge of TCLKO[x]. When TRISE is set to logic 1, the interface is
enabled to update the TDP/TDD[x] and TDN/TOHO[x] output pins on the
rising TCLKO[x] edge. When TRISE is set to logic 0, the interface is enabled
to update the outputs on the falling TCLKO[x] edge.
TRZ:
The TRZ bit configures the interface to transmit bipolar return-to-zero
formatted waveforms. When TRZ is set to logic 1, the interface is enabled to
generate the TDP[x] and TDN[x] output signals as RZ waveforms with
duration equal to half the TCLKO[x] period. When TRZ is set to logic 0, the
interface is enabled to generate the TDP[x] and TDN[x] output signals as
NRZ waveforms with duration equal to the TCLKO[x] period, updated on the
selected edge of TCLKO[x]. The TRZ bit can only be used when TUNI is set
to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com