Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 36Page - PMC-Sierra, Inc PM7344 Datasheet HTML 37Page - PMC-Sierra, Inc PM7344 Datasheet HTML 38Page - PMC-Sierra, Inc PM7344 Datasheet HTML 39Page - PMC-Sierra, Inc PM7344 Datasheet HTML 40Page - PMC-Sierra, Inc PM7344 Datasheet HTML 41Page - PMC-Sierra, Inc PM7344 Datasheet HTML 42Page - PMC-Sierra, Inc PM7344 Datasheet HTML 43Page - PMC-Sierra, Inc PM7344 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
24
Pin Name
Type
Pin
No.
Function
TFPI
Input
106
Transmit Frame Position (TFPI). This signal
provides the transmit frame position indication
for the four T1/E1 framers. TFPI can be used in
applications where the transmit frames must be
aligned to a common reference. In these
applications, TFPI is activated for one clock
period every 193 (T1) or 256 (E1) TCLKI periods
(or multiple thereof). If such alignment is not
required, TFPI may be tied low. TFPI may be
configured to be active high or active low, and
may be enabled to be sampled on the rising or
falling edge of TCLKI.
TOHI
Transmit Overhead Mask Input (TOHI). This
signal identifies the placeholder bits in the
transmit stream for arbitrary bit rate interfaces.
A delayed version of TOHI appears on the four
TOHO outputs. Downstream framing insertion
devices overwrite the placeholder bit positions
with overhead specific to a particular frame
format (for example the 6.312 Mbit/s J2 format).
TOHI may be configured to be active high or
active low, and may be enabled to be sampled
on the rising or falling edge of TCLKI.
XCLK/
Input
108
Crystal Clock Input (XCLK). This signal
provides timing for the T1 or E1 framer portion
of the S/UNI-MPH. Depending on the
configuration of the S/UNI-MPH, XCLK must be
nominally 24x or 8x the nominal line rate. The
8x clock is used by the clock recovery digital
phase locked loop and the T1/E1 framer, while
the 24x clock is used by the jitter attenuator in
the S/UNI-MPH. This clock may be tied low if
the T1/E1 framers are bypassed. The default
requirement is for XCLK to be a 37.056 MHz
clock for T1 or a 49.152 MHz clock for E1.
VCLK
Vector Clock (VCLK). The VCLK signal is used
during S/UNI-MPH production test to verify
internal functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com