Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 13Page - PMC-Sierra, Inc PM7344 Datasheet HTML 14Page - PMC-Sierra, Inc PM7344 Datasheet HTML 15Page - PMC-Sierra, Inc PM7344 Datasheet HTML 16Page - PMC-Sierra, Inc PM7344 Datasheet HTML 17Page - PMC-Sierra, Inc PM7344 Datasheet HTML 18Page - PMC-Sierra, Inc PM7344 Datasheet HTML 19Page - PMC-Sierra, Inc PM7344 Datasheet HTML 20Page - PMC-Sierra, Inc PM7344 Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
• Single chip quad ATM User Network Interface operating at 1.544 Mbit/s or
2.048 Mbit/s.
• Implements the ATM Forum User Network Interface Specification V3.1 for
DS1 and E1 transmission rates.
• Implements the ATM physical layer for Broadband ISDN according to ITU-T
Recommendation I.432.
• Implements the direct cell mapping into DS1 or E1 transmission systems
according to ITU-T Recommendation G.804.
• Implements (with an external framer device) the direct cell mapping into J2
(6.312 Mbit/s) transmission systems according to ITU-T Recommendation
G.804.
• Integrates a quad full-featured T1/E1 framer/transmitter for terminating four
duplex 1.544 Mbit/s DS-1 signals or four duplex 2.048 Mbit/s E1 signals.
• Integrates a quad ATM cell processor for mapping ATM cells into T1, E1 and
other arbitrary rate streams using HEC (Header Check Sequence Error
Correction) cell delineation.
• Provides Saturn Compatible Interface (SCI-PHYTM) FIFO buffers in both
transmit and receive paths with parity support and Utopia Level 2 compatible
multi-PHY control signals.
• Software compatible with the PM4341A T1XC, PM6341 E1XC, and PM7345
S/UNI-PDH.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration,
control, and status monitoring.
• Low power, +5V, CMOS technology
• 128 pin rectangular (14mm x 20mm) PQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com