Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 92Page - PMC-Sierra, Inc PM7344 Datasheet HTML 93Page - PMC-Sierra, Inc PM7344 Datasheet HTML 94Page - PMC-Sierra, Inc PM7344 Datasheet HTML 95Page - PMC-Sierra, Inc PM7344 Datasheet HTML 96Page - PMC-Sierra, Inc PM7344 Datasheet HTML 97Page - PMC-Sierra, Inc PM7344 Datasheet HTML 98Page - PMC-Sierra, Inc PM7344 Datasheet HTML 99Page - PMC-Sierra, Inc PM7344 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
80
Registers 005H, 105H, 205H and 305H: Receive TS0 Data Link
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
SACE
0
Bit 5
R
SACI
0
Bit 4
R/W
RXSA4EN
1
Bit 3
R/W
RXSA5EN
0
Bit 2
R/W
RXSA6EN
0
Bit 1
R/W
RXSA7EN
0
Bit 0
R/W
RXSA8EN
0
These registers are used when the E1 format is selected to choose timeslot 16
or the required subset of timeslot 0 National bits that constitute the receive data
link.
SACE:
The SACE bit enables the generation of an interrupt whenever there is a
change in the National bits that are not extracted to form a data link.
Changes in the National bits are not debounced, i.e. the interrupt is
generated immediately when the current value of the National bits differs from
the previous value. The value of the National bits can be read in the FRMR
International/National Bits Register.
SACI:
The SACI bit is set to logic one whenever there is a change in the National
bits that are not extracted to form a data link. The SACI bit is cleared
following a read of this register.
RXSA4EN, RXSA5EN, RXSA6EN, RXSA7EN and RXSA8EN:
The RXSAxEN bits control the extraction of a data link from the received
Time Slot 0 National Use bits (Sa4 through Sa8).
If the RXDMASIG bit from the Datalink Options Register is a logic 1, the data
link bits are terminated by the internal HDLC receiver; otherwise, the data link
is presented on RDLSIG. If the RXSA4EN is logic 1, the RDLSIG value is
extracted from bit 4 of Time Slot 0 of non-frame alignment signal frames. If
the RXSA8EN is logic 1, the RDLSIG value is extracted from bit 8 of Time
Slot 0 of non-frame alignment signal frames. The other enable bits operate in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com