Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 46 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 46 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 42Page - PMC-Sierra, Inc PM7344 Datasheet HTML 43Page - PMC-Sierra, Inc PM7344 Datasheet HTML 44Page - PMC-Sierra, Inc PM7344 Datasheet HTML 45Page - PMC-Sierra, Inc PM7344 Datasheet HTML 46Page - PMC-Sierra, Inc PM7344 Datasheet HTML 47Page - PMC-Sierra, Inc PM7344 Datasheet HTML 48Page - PMC-Sierra, Inc PM7344 Datasheet HTML 49Page - PMC-Sierra, Inc PM7344 Datasheet HTML 50Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
30
Pin Name
Type
Pin
No.
Function
RXPRTY
Tristate
Output
84
Receive Parity (RXPRTY). This signal indicates
the parity of the RDAT[7:0] bus. Odd or even
parity selection can be made using a register.
RXPRTY is updated on the rising edge of
RFCLK and is tristated when
RRDENB[4:1]/RRDMPHB is high.
RSOC
Tristate
Output
83
Receive Start of Cell (RSOC). This signal marks
the start of cell on the RDAT[7:0] bus. When
RSOC is high, the first octet of the cell is present
on the RDAT[7:0] stream. RSOC is updated on
the rising edge of RFCLK and is tristated when
RRDENB[4:1]/RRDMPHB is high.
RCA[4]
RCA[3]
RCA[2]
RCA[1]
Output
61
60
59
58
Receive Cell Available (RCA[4:1]). These output
signals indicate when a cell is available in the
receive FIFO for the corresponding port.
RCA[4:1] can be configured to be deasserted
when either zero or four bytes remain in the
FIFO. RCA[4:1] will thus transition low on the
rising edge of RFCLK after the 53rd or 48th byte
has been output.
TFCLK
Input
38
Transmit FIFO Write Clock (TFCLK). This signal
is used to write ATM cells to the four cell
transmit FIFOs. TFCLK cycles at a 25 MHz or
lower instantaneous rate. A complete 53 octet
cell must be written to the FIFO before being
inserted in the transmit stream. Idle/unassigned
cells are inserted when a complete cell is not
available.
TDAT[0]
TDAT[1]
TDAT[2]
TDAT[3]
TDAT[4]
TDAT[5]
TDAT[6]
TDAT[7]
Input
66
67
68
69
70
71
72
73
Transmit Cell Data Bus (TDAT[7:0]). This bus
carries the ATM cell octets that are written to the
selected transmit FIFO. TDAT[7:0] is sampled
on the rising edge of TFCLK and is considered
valid only when TWRENB[n]/TWRMPHB is
simultaneously asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com