Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 82 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 82 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 78Page - PMC-Sierra, Inc PM7344 Datasheet HTML 79Page - PMC-Sierra, Inc PM7344 Datasheet HTML 80Page - PMC-Sierra, Inc PM7344 Datasheet HTML 81Page - PMC-Sierra, Inc PM7344 Datasheet HTML 82Page - PMC-Sierra, Inc PM7344 Datasheet HTML 83Page - PMC-Sierra, Inc PM7344 Datasheet HTML 84Page - PMC-Sierra, Inc PM7344 Datasheet HTML 85Page - PMC-Sierra, Inc PM7344 Datasheet HTML 86Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
66
Address
Register
#1
# 2
# 3
# 4
06AH
16AH
26AH
36AH
RXCP Idle/Unassigned Cell Count LSB
06BH
16BH
26BH
36BH
RXCP Idle/Unassigned Cell Count MSB
06CH
16CH
26CH
36CH
RXCP Receive Cell Count LSB
06DH
16DH
26DH
36DH
RXCP Receive Cell Count MSB
06EH
16EH
26EH
36EH
TXCP Transmit Cell Count LSB
06FH
16FH
26FH
36FH
TXCP Transmit Cell Count MSB
070H
170H
270H
370H
RXCP Control
071H
171H
271H
371H
RXCP Framing Control
072H
172H
272H
372H
RXCP Interrupt Enable/Status
073H
173H
273H
373H
RXCP Idle/Unassigned Cell Pattern: H1
octet
074H
174H
274H
374H
RXCP Idle/Unassigned Cell Pattern: H2
octet
075H
175H
275H
375H
RXCP Idle/Unassigned Cell Pattern: H3
octet
076H
176H
276H
376H
RXCP Idle/Unassigned Cell Pattern: H4
octet
077H
177H
277H
377H
RXCP Idle/Unassigned Cell Mask: H1
octet
078H
178H
278H
378H
RXCP Idle/Unassigned Cell Mask: H2
octet
079H
179H
279H
379H
RXCP Idle/Unassigned Cell Mask: H3
octet
07AH
17AH
27AH
37AH
RXCP Idle/Unassigned Cell Mask: H4
octet
07BH
17BH
27BH
37BH
RXCP User-Programmable Cell
Pattern: H1 octet
07CH
17CH
27CH
37CH
RXCP User-Programmable Cell
Pattern: H2 octet
07DH
17DH
27DH
37DH
RXCP User-Programmable Cell
Pattern: H3 octet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com