Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 18 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 18 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 14Page - PMC-Sierra, Inc PM7344 Datasheet HTML 15Page - PMC-Sierra, Inc PM7344 Datasheet HTML 16Page - PMC-Sierra, Inc PM7344 Datasheet HTML 17Page - PMC-Sierra, Inc PM7344 Datasheet HTML 18Page - PMC-Sierra, Inc PM7344 Datasheet HTML 19Page - PMC-Sierra, Inc PM7344 Datasheet HTML 20Page - PMC-Sierra, Inc PM7344 Datasheet HTML 21Page - PMC-Sierra, Inc PM7344 Datasheet HTML 22Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
2
The T1 framer section:
• Recovers clock and data using a digital phase locked loop for high jitter
tolerance. A direct clock input is provided to allow clock recovery to be
bypassed.
• Accepts dual rail or single rail digital PCM inputs.
• Supports B8ZS or AMI line code.
• Accepts gapped data streams to support higher rate demultiplexing.
• Frames to SF or ESF format DS1 signals. Provides loss of signal detection,
and red, yellow, and AIS alarm detection. Red, yellow, and AIS alarms are
integrated as per industry specifications.
• Detects violations of the ANSI T1.403 12.5% pulse density rule over a moving
192 bit window.
• Provides programmable framed or unframed in-band loopback code
detection.
• Supports line and path performance monitoring according to ANSI
specifications. Accumulators are provided for counting:
• ESF CRC-6 errors to 333 per second;
• Framing bit errors to 31 per second;
• Line code violations to 4095 per second; and
• Loss of frame or change of frame alignment events to 7 per
second.
• Provides ESF bit-oriented code detection, and an HDLC interface for
terminating the ESF data link.
• Supports polled, interrupt-driven, or DMA servicing of the HDLC interface.
• Extracts the data link in ESF mode.
The T1 transmitter section:
• Formats data to SF or ESF format DS1 signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com