Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 31Page - PMC-Sierra, Inc PM7344 Datasheet HTML 32Page - PMC-Sierra, Inc PM7344 Datasheet HTML 33Page - PMC-Sierra, Inc PM7344 Datasheet HTML 34Page - PMC-Sierra, Inc PM7344 Datasheet HTML 35Page - PMC-Sierra, Inc PM7344 Datasheet HTML 36Page - PMC-Sierra, Inc PM7344 Datasheet HTML 37Page - PMC-Sierra, Inc PM7344 Datasheet HTML 38Page - PMC-Sierra, Inc PM7344 Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
Pin Name
Type
Pin
No.
Function
RDN[4]
RDN[3]
RDN[2]
RDN[1]/
Input
Receive Digital Negative Line Pulse (RDN).
This signal is available when the S/UNI-MPH is
configured to receive dual-rail formatted data.
The RDN input can be enabled for either RZ or
NRZ waveforms. When enabled for NRZ, RDN
may be enabled to be sampled on the rising or
falling edge of RCLKI. When enabled for RZ,
clock is recovered from the RDP and RDN
inputs.
RLCV[4]
RLCV[3]
RLCV[2]
RLCV[1]/
34
8
5
2
Receive Line Code Violation Indication (RLCV).
When the S/UNI-MPH is configured to receive
single-rail data, this signal contains line code
violation indications that are detected by the
upstream line interface unit (LIU). RLCV may
be enabled to be sampled on the rising or falling
edge of RCLKI.
ROH[4]
ROH[3]
ROH[2]
ROH[1]
Receive Overhead Mask (ROH). When the
S/UNI-MPH is configured to bypass the T1/E1
framers, this signal indicates the framing
overhead in the receive stream, thus allowing
the S/UNI-MPH to provide a user network
interface for arbitrary bit rates (such as the
6.312 Mbit/s J2 rate). ROH may be configured
to be active high or active low, and may be
enabled to be sampled on the rising or falling
edge of RCLKI.
RCLKI[4]
RCLKI[3]
RCLKI[2]
RCLKI[1]
Input
35
9
6
3
Receive Line Clock Input (RCLKI). This signal is
the externally recovered line clock that may be
enabled to sample the RDP and RDN inputs on
its rising or falling edge when the input format is
enabled for dual-rail NRZ; or to sample the RDD
and RLCV/ROH inputs on its rising or falling
edge when the input format is enabled for
single-rail, or when the T1/E1 framers are
bypassed. RCLKI must operate at frequencies
less than or equal to 25 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com