Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 47 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 47 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 43Page - PMC-Sierra, Inc PM7344 Datasheet HTML 44Page - PMC-Sierra, Inc PM7344 Datasheet HTML 45Page - PMC-Sierra, Inc PM7344 Datasheet HTML 46Page - PMC-Sierra, Inc PM7344 Datasheet HTML 47Page - PMC-Sierra, Inc PM7344 Datasheet HTML 48Page - PMC-Sierra, Inc PM7344 Datasheet HTML 49Page - PMC-Sierra, Inc PM7344 Datasheet HTML 50Page - PMC-Sierra, Inc PM7344 Datasheet HTML 51Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
31
Pin Name
Type
Pin
No.
Function
TXPRTY
Input
37
Transmit bus parity (TXPRTY). This signal
indicates the parity of the TDAT[7:0] bus. Odd or
even parity selection can be made using a
register. TXPRTY is sampled on the rising edge
of TFCLK and is considered valid only when
TWRENB[n]/TWRMPHB is simultaneously
asserted.
A parity error is indicated by a status bit and a
maskable interrupt. Cells with parity errors are
inserted in the transmit stream, so the TXPRTY
input may be unused.
TWRMPHB
Input
65
Transmit Multi-Phy Write Enable (TWRMPHB).
The TWRMPHB signal is available on this pin
when input MPHEN is high. This active low
input is used to initiate writes to the transmit
FIFOs. When sampled low using the rising
edge of TFCLK, the byte on TDAT[7:0] is written
into the transmit FIFO selected by the TWA[1:0]
address bus. When sampled high using the
rising edge of TFCLK, no write is performed. A
complete 53 octet cell must be written to the
transmit FIFO before it is inserted into the
transmit stream. Idle/unassigned cells are
inserted when a complete cell is not available.
TWRENB[1
]
Transmit Write Enable PHY #1 (TWRENB[1]).
The TWRENB[1] signal is available on this pin
when input MPHEN is low. TWRENB[1] is used
to initiate writes to the transmit FIFO of PHY #1.
When sampled low using the rising edge of
TFCLK (and the remaining three TWRENBs
remain high), a byte is written to PHY #1's
synchronous FIFO. When sampled high using
the rising edge of TFCLK, no write is performed.
TWRENB[1] must operate in conjunction with
TFCLK to access the FIFOs at a high enough
instantaneous rate as to avoid FIFO overflows.
The ATM layer device may deassert
TWRENB[1] at anytime it is unable to provide
another byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com