Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 83Page - PMC-Sierra, Inc PM7344 Datasheet HTML 84Page - PMC-Sierra, Inc PM7344 Datasheet HTML 85Page - PMC-Sierra, Inc PM7344 Datasheet HTML 86Page - PMC-Sierra, Inc PM7344 Datasheet HTML 87Page - PMC-Sierra, Inc PM7344 Datasheet HTML 88Page - PMC-Sierra, Inc PM7344 Datasheet HTML 89Page - PMC-Sierra, Inc PM7344 Datasheet HTML 90Page - PMC-Sierra, Inc PM7344 Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
71
Registers 001H, 101H, 201H and 301H: Transmit Configuration
Bit
Type
Function
Default
Bit 7
R/W
LCDEN
1
Bit 6
R/W
AISEN
1
Bit 5
R/W
REDEN
1
Bit 4
R/W
OOFEN
1
Bit 3
R/W
LOSEN
1
Bit 2
R/W
TAISEN
0
Bit 1
R/W
MODE[1]
0
Bit 0
R/W
MODE[0]
0
These registers are used to configure the transmit interfaces of the S/UNI-MPH.
LCDEN:
The LCDEN bit enables the receive loss of cell delineation indication to
automatically generate a receive failure indication in the transmit stream.
This bit operates regardless of framer selected (T1 or E1). When LCDEN is
logic 1, declaration of the LCD alarm causes a yellow alarm (T1) or remote
alarm indication (E1) to be transmitted for the duration of the LCD alarm.
When LCDEN is logic 0, assertion of the LCD alarm does not cause
transmission of a receive failure indication.
AISEN:
The AISEN bit enables the alarm indication signal carrier failure alarm to
automatically generate a receive failure indication in the transmit stream.
This bit operates regardless of framer selected (T1 or E1). When AISEN is
logic 1, declaration of the AIS CFA causes a yellow alarm (T1) or remote
alarm indication (E1) to be transmitted for the duration of the CFA. When
AISEN is logic 0, assertion of AIS CFA does not cause transmission of a
receive failure indication.
REDEN:
The REDEN bit enables the red carrier failure alarm (persistent out of frame)
indication to automatically generate a receive failure indication in the transmit
stream. This bit operates regardless of the format selected (T1 or E1)
When REDEN is logic 1, declaration of the red CFA causes a yellow alarm
(T1) or remote alarm indication (E1) to be transmitted for the duration of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com