Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 28 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 28 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 24Page - PMC-Sierra, Inc PM7344 Datasheet HTML 25Page - PMC-Sierra, Inc PM7344 Datasheet HTML 26Page - PMC-Sierra, Inc PM7344 Datasheet HTML 27Page - PMC-Sierra, Inc PM7344 Datasheet HTML 28Page - PMC-Sierra, Inc PM7344 Datasheet HTML 29Page - PMC-Sierra, Inc PM7344 Datasheet HTML 30Page - PMC-Sierra, Inc PM7344 Datasheet HTML 31Page - PMC-Sierra, Inc PM7344 Datasheet HTML 32Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
12
Figure 3
- Example 3. Multi-PHY Addressing Application
S/UNI-MPH
#1
TWRMPHB
RRDMPHB
TDAT[7:0]
TSOC
RDAT[7:0]
RSOC
TFCLK
RFCLK
TXPRTY
RXPRTY
TWA[1:0]
TCAMPH
RCAMPH
RRA[1:0]
UTOPIA
LEVEL 2
COMPLIANT
EGRESS
DEVICE
IDAT[7:0]
IFCLK
IAVALID
IWRENB[1]
IPRTY[0]
ISOC
IMASTER
IBUS8
IPOLL
IADDR[4:0]
ICA[1]
Single-PHY
or
Multi-PHY
interface to
switch
Single-PHY
or
Multi-PHY
interface to
switch
ODAT[7:0]
OFCLK
OSOC
OAVALID
OPRTY[0]
OPOLL
OBUS8
OTSEN
OMASTER
OADDR[4:0]
OCA[1]
ORDENB[1]
S/UNI-MPH
#2
TWRMPHB
RRDMPHB
TDAT[7:0]
TSOC
RDAT[7:0]
RSOC
TFCLK
RFCLK
TXPRTY
RXPRTY
TWA[1:0]
TCAMPH
RCAMPH
RRA[1:0]
S/UNI-MPH
#N
TWRMPHB
RRDMPHB
TDAT[7:0]
TSOC
RDAT[7:0]
RSOC
TFCLK
RFCLK
TXPRTY
RXPRTY
TWA[1:0]
TCAMPH
RCAMPH
RRA[1:0]
OSC
1:0
N-to-1
mux
Backward OAM
& Loopback Cells
N-to-1
mux
load
D
Q
3-to-N
decoder
E
1:0
4:2
4:2
load
D
Q
3-to-N
decoder
E
D
Q
D
Q
UTOPIA
LEVEL 2
COMPLIANT
INGRESS
DEVICE
Example 3 shows N (where N is a number from 1 to 8) PM7344 S/UNI-MPH
devices used with UTOPIA Level 2 compliant ingress and egress devices.
The S/UNI-MPH supports PHY address polling by sampling the two least
significant address bits (RRA[1:0] and TWA[1:0]) and generating the cell
available status for the selected PHY entity. It also holds the last state of
RRA[1:0] and TWA[1:0] before the assertion of RRDMPHB and TWRMPHB,
respectively, thus latching the PHY address resolved by the polling process. The
only support logic is that required to select between the S/UNI-MPH devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com