Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 20 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 16Page - PMC-Sierra, Inc PM7344 Datasheet HTML 17Page - PMC-Sierra, Inc PM7344 Datasheet HTML 18Page - PMC-Sierra, Inc PM7344 Datasheet HTML 19Page - PMC-Sierra, Inc PM7344 Datasheet HTML 20Page - PMC-Sierra, Inc PM7344 Datasheet HTML 21Page - PMC-Sierra, Inc PM7344 Datasheet HTML 22Page - PMC-Sierra, Inc PM7344 Datasheet HTML 23Page - PMC-Sierra, Inc PM7344 Datasheet HTML 24Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
4
• Far end block errors to 1000 per second;
• Frame sync errors to 127 per second; and
• Line code violations to 8191 per second;
• Indicates the reception of remote alarm.
• Indicates the reception of alarm indication signal (AIS).
• Declares RED and AIS alarms using Q.516 recommended integration
periods.
• Provides an HDLC interface for terminating a data link. Supports polled,
interrupt-driven, or DMA servicing of the HDLC interface.
• Optionally extracts the data link from timeslot 16 (64 kbit/s), which may be
used to receive common channel signalling, or from any combination of the
national bits in timeslot 1 of non-frame alignment signal frames (4 kbit/s - 20
kbit/s).
The E1 transmitter section:
• Formats data to create a G.704 2048 kbit/s signal. Optionally inserts
signalling multiframe alignment signal. Optionally inserts CRC multiframe
structure including optional transmission of far end block errors.
• Supports transmission of the alarm indication signal (AIS), timeslot 16 AIS,
remote alarm signal or remote multiframe alarm signal.
• Provides an HDLC interface for generating a data link. Supports polled,
interrupt-driven, or DMA servicing of the HDLC interface.
• Optionally inserts the data link into timeslot 16 (64 kbit/s), which may be used
to transmit common channel signalling, or into any combination of the
national bits in timeslot 0 of non-frame alignment signal frames (4 kbit/s - 20
kbit/s).
• Supports HDB3 or AMI line code.
• Provides dual rail or single rail digital PCM output signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com