Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 88Page - PMC-Sierra, Inc PM7344 Datasheet HTML 89Page - PMC-Sierra, Inc PM7344 Datasheet HTML 90Page - PMC-Sierra, Inc PM7344 Datasheet HTML 91Page - PMC-Sierra, Inc PM7344 Datasheet HTML 92Page - PMC-Sierra, Inc PM7344 Datasheet HTML 93Page - PMC-Sierra, Inc PM7344 Datasheet HTML 94Page - PMC-Sierra, Inc PM7344 Datasheet HTML 95Page - PMC-Sierra, Inc PM7344 Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
76
Registers 003H, 103H, 203H and 303H: Receive Interface Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
BPV
0
Bit 4
R/W
RDNINV
0
Bit 3
R/W
RDPINV
0
Bit 2
R/W
RUNI
0
Bit 1
R/W
RFALL
0
Bit 0
Unused
X
These registers enable the Receive Interface to handle the various input
waveform formats.
BPV:
When the T1 or E1 format is selected, the BPV bit enables only bipolar
violations to indicate line code violations and be accumulated in the PMON
LCV Count Registers. When BPV is set to logic 1, only BPVs not part of a
valid B8ZS or HDB3 signature generate an LCV indication and increment the
PMON LCV counter. When BPV is set to logic 0, both BPVs not part of a
valid B8ZS signature and excessive zeros (EXZ) generate an LCV indication
and increment the PMON LCV counter. Excessive zeros is a sequence of
zeros greater than 15 bits long for a T1 AMI-coded signal, greater than 7 bits
long for a T1 B8ZS-coded signal, and greater than 3 bits long for an E1 AMI
or HDB3-coded signal.
RDPINV,RDNINV:
The RDPINV and RDNINV bits enable the Receive Interface to logically invert
the signals received onmultifunction pins RDP/RDD[x] and
RDN/RLCV/ROH[x], respectively. When RDPINV is set to logic 1, the
interface inverts the signal on the RDP/RDD[x] input. When RDPINV is set to
logic 0, the interface passes the RDP/RDD[x] signal unaltered. When
RDNINV is set to logic 1, the interface inverts the signal on the
RDN/RLCV/ROH[x] input. When RDNINV is set to logic 0, the interface
passes the RDN/RLCV/ROH[x] signal unaltered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com