Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 94Page - PMC-Sierra, Inc PM7344 Datasheet HTML 95Page - PMC-Sierra, Inc PM7344 Datasheet HTML 96Page - PMC-Sierra, Inc PM7344 Datasheet HTML 97Page - PMC-Sierra, Inc PM7344 Datasheet HTML 98Page - PMC-Sierra, Inc PM7344 Datasheet HTML 99Page - PMC-Sierra, Inc PM7344 Datasheet HTML 100Page - PMC-Sierra, Inc PM7344 Datasheet HTML 101Page - PMC-Sierra, Inc PM7344 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
82
Registers 006H, 106H, 206H and 306H: Transmit TS0 Data Link
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
TXSA4EN
1
Bit 3
R/W
TXSA5EN
0
Bit 2
R/W
TXSA6EN
0
Bit 1
R/W
TXSA7EN
0
Bit 0
R/W
TXSA8EN
0
These registers are used when the E1 format is selected to choose timeslot 16
or the required subset of timeslot 0 National bits that constitute the transmit data
link.
TXSA4EN, TXSA5EN, TXSA6EN, TXSA7EN and TXSA8EN:
The TXSAxEN bits control the insertion of a data link into the Time Slot 0
National Use bits (Sa4 through Sa8).
These bits only have effect if the TRAN block Configuration DLEN bit is logic
0 or if the TRAN block Configuration SIGEN bit is logic 1. The TXSAxEN bits
take priority over the FDIS bit of the E1-TRAN block Configuration register.
The data link bits are still inserted if FDIS is logic 1.
If the TXDMASIG bit is a logic 1, the data link bits are sourced by the internal
HDLC transmitter; otherwise, the bits are sourced from the TDLSIG pin. If
the TXSA4EN bit is logic 1, the TDLSIG value is written into bit 4 of Time Slot
0 of non-frame alignment signal frames. If the TXSA8EN bit is logic 1, the
TDLSIG value is written into bit 8 of Time Slot 0 of non-frame alignment
signal frames. The other enable bits operate in an analogous fashion. A
clock pulse is generated on TDLCLK for each enable that is logic 1. Any
combination of enable bits is allowed, resulting in a data rate between 4 kbit/s
and 20 kbit/s. Clearing all disables insertion. Any National Use bits which are
not included in the data link are sourced from E1 TRAN block
International/National Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com