Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 37Page - PMC-Sierra, Inc PM7344 Datasheet HTML 38Page - PMC-Sierra, Inc PM7344 Datasheet HTML 39Page - PMC-Sierra, Inc PM7344 Datasheet HTML 40Page - PMC-Sierra, Inc PM7344 Datasheet HTML 41Page - PMC-Sierra, Inc PM7344 Datasheet HTML 42Page - PMC-Sierra, Inc PM7344 Datasheet HTML 43Page - PMC-Sierra, Inc PM7344 Datasheet HTML 44Page - PMC-Sierra, Inc PM7344 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
Pin Name
Type
Pin
No.
Function
MPHEN
Input
109
Multiphy Enable (MPHEN). This input selects
the configuration of the receive and transmit cell
interfaces. When MPHEN is high, the cell
interfaces are configured for multi-phy
addressing and signals TWRMPHB, TWA[1:0],
TCAMPH, RRDMPHB, RRA[1:0], and RCAMPH
are active. When MPHEN is low, the cell
interfaces are configured for direct phy selection
and signals TWRENB[4:1] and RRDENB[4:1]
are active.
RFCLK
Input
74
Receive FIFO Read Clock (RFCLK). This signal
is used to read ATM cells from the receive
FIFOs. RFCLK must cycle at a 25 MHz or lower
instantaneous rate, but at a high enough rate to
avoid FIFO overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com