Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 48Page - PMC-Sierra, Inc PM7344 Datasheet HTML 49Page - PMC-Sierra, Inc PM7344 Datasheet HTML 50Page - PMC-Sierra, Inc PM7344 Datasheet HTML 51Page - PMC-Sierra, Inc PM7344 Datasheet HTML 52Page - PMC-Sierra, Inc PM7344 Datasheet HTML 53Page - PMC-Sierra, Inc PM7344 Datasheet HTML 54Page - PMC-Sierra, Inc PM7344 Datasheet HTML 55Page - PMC-Sierra, Inc PM7344 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
36
Pin Name
Type
Pin
No.
Function
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
I/O
17
16
15
14
13
12
11
10
Bidirectional Data Bus (D[7:0]). This bus is used
during S/UNI-MPH read and write accesses.
RDB
Input
112
Active low Read Enable (RDB). This signal is
pulsed low to enable a S/UNI-MPH register read
access. The S/UNI-MPH drives the D[7:0] bus
with the contents of the addressed register while
RDB and CSB are both low.
WRB
Input
111
Active low Write Strobe (WRB). This signal is
pulsed low to enable a S/UNI-MPH register write
access. The D[7:0] bus is clocked into the
addressed register on the rising edge of WRB
while CSB is low.
ALE
Input
114
Address Latch Enable (ALE). This signal latches
the address bus contents, A[10:0], when low,
allowing the S/UNI-MPH to be interfaced to a
multiplexed address/data bus. When ALE is
high, the address latches are transparent. ALE
has an integral pull-up resistor.
RSTB
Input
110
Active low Reset (RSTB). This signal is set low
to asynchronously reset the S/UNI-MPH. RSTB
is a Schmitt-trigger input with an integral pull-up
resistor.
A[0]
A[1]
A[2]
A[3]
A[4]
A[5]
A[6]
A[7]
A[8]
A[9]
A[10]
Input
117
118
119
120
121
122
123
124
125
126
127
Address Bus (A[10:0]). This bus selects specific
registers during S/UNI-MPH register accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com