Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7344 Datasheet(PDF) 4 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 4 Page - PMC-Sierra, Inc

  PM7344 Datasheet HTML 1Page - PMC-Sierra, Inc PM7344 Datasheet HTML 2Page - PMC-Sierra, Inc PM7344 Datasheet HTML 3Page - PMC-Sierra, Inc PM7344 Datasheet HTML 4Page - PMC-Sierra, Inc PM7344 Datasheet HTML 5Page - PMC-Sierra, Inc PM7344 Datasheet HTML 6Page - PMC-Sierra, Inc PM7344 Datasheet HTML 7Page - PMC-Sierra, Inc PM7344 Datasheet HTML 8Page - PMC-Sierra, Inc PM7344 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
ii
9.14 DIGITAL TRANSMIT INTERFACE (DTIF) ................................... 49
9.15 DIGITAL JITTER ATTENUATOR................................................. 49
9.16 RECEIVE ATM CELL PROCESSOR (RXCP) ............................. 55
9.17 RECEIVE ATM 4 CELL FIFO (RXFF).......................................... 58
9.18 TRANSMIT ATM CELL PROCESSOR (TXCP) ........................... 59
9.19 TRANSMIT ATM 4 CELL FIFO (TXFF)........................................ 59
9.20 SATURN COMPATIBLE MULTI-PHY INTERFACE (MPHY)........ 60
9.21 MICROPROCESSOR INTERFACE (MPIF)................................. 61
10
REGISTER DESCRIPTION ................................................................... 62
11
NORMAL MODE REGISTER DESCRIPTION ....................................... 68
11.1 REGISTERS X49-X4FH: LATCHING PERFORMANCE DATA . 159
12
TEST FEATURES DESCRIPTION ...................................................... 216
12.1 TEST MODE 0 .......................................................................... 218
12.2 JTAG TEST PORT .................................................................... 222
13
FUNCTIONAL TIMING......................................................................... 225
14
OPERATION ........................................................................................ 230
14.1 USING THE JT2F...................................................................... 240
14.2 USING THE DIGITAL JITTER ATTENUATOR .......................... 240
14.2.1 DEFAULT APPLICATION ............................................... 241
14.2.2 DATA BURST APPLICATION ......................................... 241
14.3 JTAG SUPPORT ....................................................................... 242
14.3.1 BOUNDARY SCAN CELLS ............................................ 247
15
ABSOLUTE MAXIMUM RATINGS ....................................................... 250
16
CAPACITANCE .................................................................................... 251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com